Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2SGX30C Datasheet(PDF) 10 Page - Altera Corporation

Part # EP2SGX30C
Description  Stratix II GX Device
Download  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2SGX30C Datasheet(HTML) 10 Page - Altera Corporation

Back Button EP2SGX30C Datasheet HTML 6Page - Altera Corporation EP2SGX30C Datasheet HTML 7Page - Altera Corporation EP2SGX30C Datasheet HTML 8Page - Altera Corporation EP2SGX30C Datasheet HTML 9Page - Altera Corporation EP2SGX30C Datasheet HTML 10Page - Altera Corporation EP2SGX30C Datasheet HTML 11Page - Altera Corporation EP2SGX30C Datasheet HTML 12Page - Altera Corporation EP2SGX30C Datasheet HTML 13Page - Altera Corporation EP2SGX30C Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 314 page
background image
2–2
Altera Corporation
Stratix II GX Device Handbook, Volume 1
October 2007
Transceivers
There are up to 20 transceiver channels available on a single Stratix II GX
device. Table 2–1 shows the number of transceiver channels and their
serial bandwidth for each Stratix II GX device.
Figure 2–2 shows the elements of the transceiver block, including the four
transceiver channels, supporting logic, and I/O buffers. Each transceiver
channel consists of a receiver and transmitter. The supporting logic
contains two transmitter PLLs to generate the high-speed clock(s) used by
the four transmitters within that block. Each of the four transmitter
channels has its own individual clock divider. The four receiver PLLs
within each transceiver block generate four recovered clocks. The
transceiver channels can be configured in one of the following functional
modes:
PCI Express (PIPE)
OIF CEI PHY Interface
SONET/SDH
Gigabit Ethernet (GIGE)
XAUI
Basic (600 Mbps to 3.125 Gbps single-width mode and 1 Gbps to
6.375 Gbps double-width mode)
SDI (HD, 3G)
CPRI (614 Mbps, 1228 Mbps, 2456 Mbps)
Serial RapidIO (1.25 Gbps, 2.5 Gbps, 3.125 Gbps)
Table 2–1. Stratix II GX Transceiver Channels
Device
Number of Transceiver
Channels
Serial Bandwidth
(Full Duplex)
EP2SGX30C
4
51 Gbps
EP2SGX60C
4
51 Gbps
EP2SGX30D
8
102 Gbps
EP2SGX60D
8
102 Gbps
EP2SGX60E
12
153 Gbps
EP2SGX90E
12
153 Gbps
EP2SGX90F
16
204 Gbps
EP2SGX130G
20
255 Gbps


Similar Part No. - EP2SGX30C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX30C ALTERA-EP2SGX30C Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2SGX30C ALTERA-EP2SGX30C Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
EP2SGX30C ALTERA-EP2SGX30C Datasheet
621Kb / 36P
This datasheet describes enhanced configuration (EPC) devices
EP2SGX30C ALTERA-EP2SGX30C Datasheet
1Mb / 316P
Section I. Stratix II GX Device Data Sheet
EP2SGX30C ALTERA-EP2SGX30C Datasheet
1Mb / 316P
Section I. Stratix II GX Device Data Sheet
More results

Similar Description - EP2SGX30C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN209 ETC-AN209 Datasheet
151Kb / 14P
Using Terminator Technology in Stratix & Stratix GX Devices
logo
Altera Corporation
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
Stratix II Device Family
EP2SGX60EF1152I4 ALTERA-EP2SGX60EF1152I4 Datasheet
13Mb / 1486P
Stratix II GX Device Handbook, Volume 1
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
Section I. Stratix II GX Device Data Sheet
logo
List of Unclassifed Man...
EP2S130F1020I4 ETC2-EP2S130F1020I4 Datasheet
5Mb / 768P
Stratix II Device Handbook, Volume 1
logo
Altera Corporation
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
Section I. Stratix II GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com