Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VKC7980 Datasheet(PDF) 2 Page - Communications & Power Industries, Inc.

Part # VKC7980
Description  Wide Bandwidth Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VKC7980 Datasheet(HTML) 2 Page - Communications & Power Industries, Inc.

  VKC7980 Datasheet HTML 1Page - Communications & Power Industries, Inc. VKC7980 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VKC7980 - Wide Bandwidth Series
Typical Characteristics
Sample Outline Drawing
Communications & Power Industries Canada Inc.
45 River Drive / Georgetown, Ontario / Canada L7G 2J4
Hot Line Telephone: 1-800-267-JETSAT
Tel: (905) 877-0161 Fax: (905) 877-5327
E-MAIL: marketing@cmp.cpii.com
WEB: www.cpii.com/cmp
For complete information on the full Wide C-Band Series
and other klystrons used in satellite communications,
please contact your local CPI office, or CPI Canada Inc.
Frequency Range
Instantaneous
Output
Beam
Beam
Type
(GHz)*Note 1
Bandwidth
Power
Gain (dB)
Voltage
Current
(MHz)*Note 2
(W)
(kV)
(mA)
VKC7980B
5.850 - 6.410
89
3100
33
8.3
1.14
VKC7980W
5.850 - 6.460
89
3100
34
8.4
1.14
• Note 1: Frequencies listed are channel centers.
• Note 2: Bandwidth measured at –1dB points.
• For full specifications please contact CPI.


Similar Part No. - VKC7980

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VKC7988B2 CPI-VKC7988B2 Datasheet
459Kb / 2P
   C-BAND KLYSTRONS
More results

Similar Description - VKC7980

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
   wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
   Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
   Wide Bandwidth
logo
Mini-Circuits
K1-ADTL MINI-K1-ADTL Datasheet
263Kb / 1P
   Very wide bandwidth
logo
Analog Devices
ADG799G AD-ADG799G_15 Datasheet
574Kb / 24P
   Compatible, Wide Bandwidth
REV. 0
logo
Keysight Technologies
86100D-200 KEYSIGHT-86100D-200 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
86100D-300 KEYSIGHT-86100D-300 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
logo
Analog Devices
HMC587LC4B AD-HMC587LC4B Datasheet
285Kb / 6P
   Wide Tuning Bandwidth
logo
MTRONPTI
PA1007 MTRONPTI-PA1007 Datasheet
225Kb / 2P
   Instantaneous wide bandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com