Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-DIO-16H Datasheet(PDF) 4 Page - ADL Embedded Solutions

Part # USB-DIO-16H
Description  16 High-Speed Digital I/Os, 18 standard I/Os, 128 kByte FIFO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

USB-DIO-16H Datasheet(HTML) 4 Page - ADL Embedded Solutions

  USB-DIO-16H Datasheet HTML 1Page - ADL Embedded Solutions USB-DIO-16H Datasheet HTML 2Page - ADL Embedded Solutions USB-DIO-16H Datasheet HTML 3Page - ADL Embedded Solutions USB-DIO-16H Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PC/104 - USB Digital Module
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Ordering Information
Item Code
Description
USB-DIO-16H
16 High-Speed Digital I/Os, 18 standard I/Os, 128 kByte FIFO
USB-DIO-16A
16 High-Speed Digital I/Os, 18 standard I/Os, 8 kByte FIFO
USB-DI16A
16 High-Speed Digital Inputs, 18 standard I/Os, 8 kByte FIFO
USB-DO16A
16 High-Speed Digital Outputs, 18 standard I/Os, 8 kByte FIFO
Accessories
STB-68
Screw terminal board
C68PS18L
68-Pin SCSI 18" shielded cable
MP104-DIN
DIN rail mounting provision
CUSB-EMB-6
6' USB Cable with Type A to mini connector
Options
-OEM
Board only (no enclosure)
-P
External power components and AC/DC adapter
-LV
LVTTL Buffers
-T
Extended Temperature Operation


Similar Part No. - USB-DIO-16H

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
USB-DIO-32 ADL-USB-DIO-32 Datasheet
216Kb / 3P
   Enclosure, module and screw terminal board
USB-DIO-48 ADL-USB-DIO-48 Datasheet
268Kb / 3P
   96 High-Speed Digital I/O?셲 in rugged enclosure
USB-DIO-96 ADL-USB-DIO-96 Datasheet
268Kb / 3P
   96 High-Speed Digital I/O?셲 in rugged enclosure
More results

Similar Description - USB-DIO-16H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11300 MAXIM-MAX11300 Datasheet
2Mb / 54P
   Up to 20 General-Purpose Digital I/Os
Rev 3; 4/16
logo
Silicon Laboratories
SI5013-EVB SILABS-SI5013-EVB Datasheet
1Mb / 11P
   Differential I/Os ac coupled
logo
Texas Instruments
FPC202 TI1-FPC202 Datasheet
711Kb / 10P
[Old version datasheet]   Dual Port Controller With Expanded I/Os
logo
List of Unclassifed Man...
USB-DIO32HS ETC-USB-DIO32HS Datasheet
847Kb / 4P
   High-Speed Digital I/O
April 2018. Rev 5
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321_14 Datasheet
974Kb / 15P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 4; 7/14
logo
Shanghai Leiditech Elec...
SMDA33C LEIDITECH-SMDA33C Datasheet
337Kb / 3P
   TVS DIODE ARRAY FOR 3.3V BIDIRECTIONAL I/Os PROTECTION
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321 Datasheet
664Kb / 17P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
logo
Shanghai Leiditech Elec...
LCDA3.3CP08 LEIDITECH-LCDA3.3CP08 Datasheet
257Kb / 3P
   TVS DIODE ARRAY FOR 3.3V BIDIRECTIONAL I/Os PROTECTION
SMDA03C LEIDITECH-SMDA03C Datasheet
330Kb / 3P
   TVS DIODE ARRAY FOR 3.3V BIDIRECTIONAL I/Os PROTECTION
logo
Schneider Electric
TM171OD14R SCHNEIDER-TM171OD14R Datasheet
166Kb / 5P
   Modicon M171 Optimized Display 14 I/Os, 100-240Vac
Aug 10, 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com