Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16362 Datasheet(PDF) 6 Page - Analog Devices

Part # ADIS16362
Description  Six Degrees of Freedom Inertial Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16362 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADIS16362 Datasheet HTML 2Page - Analog Devices ADIS16362 Datasheet HTML 3Page - Analog Devices ADIS16362 Datasheet HTML 4Page - Analog Devices ADIS16362 Datasheet HTML 5Page - Analog Devices ADIS16362 Datasheet HTML 6Page - Analog Devices ADIS16362 Datasheet HTML 7Page - Analog Devices ADIS16362 Datasheet HTML 8Page - Analog Devices ADIS16362 Datasheet HTML 9Page - Analog Devices ADIS16362 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADIS16362
Rev. 0 | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Acceleration
Any Axis, Unpowered
2000 g
Any Axis, Powered
2000 g
VCC to GND
−0.3 V to +6.0 V
Digital Input Voltage to GND
−0.3 V to +5.3 V
Digital Output Voltage to GND
−0.3 V to VCC + 0.3 V
Analog Input to GND
−0.3 V to +3.6 V
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +125°C1, 2
1 Extended exposure to temperatures outside the specified temperature
range of −40°C to +105°C can adversely affect the accuracy of the factory
calibration. For best accuracy, store the parts within the specified operating
range of −40°C to +105°C.
2 Although the device is capable of withstanding short-term exposure to
150°C, long-term exposure threatens internal mechanical integrity.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4. Package Characteristics
Package Type
θJA
θJC
Device Weight
24-Lead Module
39.8°C/W
14.2°C/W
16 grams
ESD CAUTION


Similar Part No. - ADIS16362

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16362BMLZ AD-ADIS16362BMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16362

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
   Compact, Precision, Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445_15 Datasheet
458Kb / 22P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445 Datasheet
526Kb / 24P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
REV. A
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com