Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM59R16A2 Datasheet(PDF) 38 Page - SyncMOS Technologies,Inc

Part # SM59R16A2
Description  8-Bit Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16A2 Datasheet(HTML) 38 Page - SyncMOS Technologies,Inc

Back Button SM59R16A2 Datasheet HTML 34Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 35Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 36Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 37Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 38Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 39Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 40Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 41Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 42Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
SM59R16A2/SM59R08A2
8-Bit Micro-controller
64KB/32KB ISP Flash & 2KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M034
38
Ver.B
SM59R16A2/SM59R08A2
06/2009
Fig. 9-10: Receive mode B for Serial 1
9.3
Multiprocessor communication of Serial Interface 0 and 1
The feature of receiving 9 bits in Modes 2 and 3 of Serial Interface 0 or in Mode A of Serial Interface 1
can be used for multiprocessor communication.
In this case, the slave processors have bit SM20 in
S0CON or SM21 in S1CON set to 1.
When the master processor outputs slave’s address, it sets
the Bit 9 to 1, causing a serial port receive interrupt in all the slaves.
The slave processors compare
the received byte with their network address.
If matched, the addressed slave will clear SM20 or
SM21 and receive the rest of the message, while other slaves will leave SM20 or SM21 bit unaffected
and ignore this message. After addressing the slave, the host will output the rest of the message with
the Bit 9 set to 0, so no serial port receive interrupt will be generated in unselected slaves.
9.4
Baud rate generator
9.4.1
Serial interface 0 modes 1 and 3
(a) When BRS = 0 (in SFR BRGS):
()
TH1
256
12
32
F
2
Rate
Baud
SMOD
×
×
×
=
OSC
(b) When BRS = 1 (in SFR BRGS):
()
S0REL
2
64
F
2
Rate
Baud
10
OSC
SMOD
×
×
=
9.4.2
Serial interface 1 modes A and B
()
S1REL
2
32
F
Rate
Baud
10
OSC
×
=
9.5
Clock source for baud rate
It is not recommended to use the internal OSC as the clock source when the serial interface functions
are used.
The reason is that the baud rate in the previous section must be as accurate as possible.
The internal OSC clock frequency may be varied with +5%.
So the user can choose the clock
source from external crystal or oscillator.


Similar Part No. - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
More results

Similar Description - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com