Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM59R16A2 Datasheet(PDF) 39 Page - SyncMOS Technologies,Inc

Part # SM59R16A2
Description  8-Bit Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16A2 Datasheet(HTML) 39 Page - SyncMOS Technologies,Inc

Back Button SM59R16A2 Datasheet HTML 35Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 36Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 37Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 38Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 39Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 40Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 41Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 42Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 43Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
SM59R16A2/SM59R08A2
8-Bit Micro-controller
64KB/32KB ISP Flash & 2KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M034
39
Ver.B
SM59R16A2/SM59R08A2
06/2009
10 Watchdog timer
The watchdog timer is an 8-bit counter that is incremented once every WDTCLK clock cycles.
After
an external reset, the watchdog timer is disabled and all registers are set to zeros.
During the initialization period, CPU read the WDTENB and WDTM[3:0] in information block.
WDTENB is the disable bit.
When this bit is high, the watchdog function will be disabled.
The
WDTM[3:0] is to set the frequency division for WDTCLK as shown in the figure below.
User can to
set WDTENB and WDTM[3:0] through the writer.
WDTCLK =
WDTM
2
12X
Fosc
Watchdog reset time =
WDTCLK
256
Once the watchdog is started it cannot be stopped.
User can refreshed the watchdog timer to zero
when WDTK register is written by 55h.
When Watchdog timer is overflow, the WDTF flag will set to one and automatically reset MCU.
The
WDTF flag can be clear by software or external reset.
The watchdog timer must be refreshed regularly to prevent reset request signal from becoming
active.
Fig. 10-1: Watchdog timer block diagram


Similar Part No. - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
More results

Similar Description - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com