Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM59R16A2 Datasheet(PDF) 47 Page - SyncMOS Technologies,Inc

Part # SM59R16A2
Description  8-Bit Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16A2 Datasheet(HTML) 47 Page - SyncMOS Technologies,Inc

Back Button SM59R16A2 Datasheet HTML 43Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 44Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 45Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 46Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 47Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 48Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 49Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 50Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 51Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
SM59R16A2/SM59R08A2
8-Bit Micro-controller
64KB/32KB ISP Flash & 2KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M034
47
Ver.B
SM59R16A2/SM59R08A2
06/2009
Mnemonic: PWMD0H
Address: BCh
7
6
5
4
3
2
1
0
Reset
-
-
-
-
PWMD0[11:8]
00h
Mnemonic: PWMD0L
Address: BDh
7
6
5
4
3
2
1
0
Reset
PWMD0[7:0]
00h
PWMD0[11:0]: PWM channel 0 data register.
Mnemonic: PWMD1H
Address: BEh
7
6
5
4
3
2
1
0
Reset
-
-
-
-
PWMD1[11:8]
00h
Mnemonic: PWMD1L
Address: BFh
7
6
5
4
3
2
1
0
Reset
PWMD1[7:0]
00h
PWMD1[11:0]: PWM channel 1 data register.
Mnemonic: PWMD2H
Address: B1h
7
6
5
4
3
2
1
0
Reset
-
-
-
-
PWMD2[11:8]
00h
Mnemonic: PWMD2L
Address: B2h
7
6
5
4
3
2
1
0
Reset
PWMD2[7:0]
00h
PWMD2[11:0]: PWM channel 2 data register.
Mnemonic: PWMD3H
Address: B3h
7
6
5
4
3
2
1
0
Reset
-
-
-
-
PWMD3[11:8]
00h
Mnemonic: PWMD3L
Address: B4h
7
6
5
4
3
2
1
0
Reset
PWMD3[7:0]
00h
PWMD3[11:0]: PWM channel 3 data register.


Similar Part No. - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
More results

Similar Description - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com