Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM59R16A2 Datasheet(PDF) 52 Page - SyncMOS Technologies,Inc

Part # SM59R16A2
Description  8-Bit Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16A2 Datasheet(HTML) 52 Page - SyncMOS Technologies,Inc

Back Button SM59R16A2 Datasheet HTML 48Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 49Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 50Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 51Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 52Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 53Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 54Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 55Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 56Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
SM59R16A2/SM59R08A2
8-Bit Micro-controller
64KB/32KB ISP Flash & 2KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M034
52
Ver.B
SM59R16A2/SM59R08A2
06/2009
15 SPI function
Serial Peripheral Interface (SPI) is a synchronous protocol that allows a master device to initiate
communication with slave devices.
There are 4 signals used in SPI, they are
SPI_MOSI: data output in the master mode, data input in the slave mode,
SPI_MISO: data input in the master mode, data output in the master mode,
SPI_SCK: clock output form the master, the above data are synchronous to this signal
SPI_SS: input in the slave mode.
This slave device detects this signal to judge if it is selected by the master.
In the master mode, it can select the desired slave device by any IO with value = 0.
Fig. 15-1 is an
example showing the relation of the 4 signals between master and slaves.
Fig. 15-1: SPI signals between master and slave devices
There is only one channel SPI interface. The SPI SFRs are shown as below:
SPI
Description
Direct
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RESE
T
SPI function
SPIC1
SPI control register 1
F1h
SPIEN
SPIMSS
SPISSP
SPICKP
SPICKE
SPIBR[2:0]
08h
SPIC2
SPI control register 2
F2h
SPIFD
TBC[2:0]
-
RBC[2:0]
00h
SPIS
SPI status register
F5h
-
SPIMLS
SPIOV
SPITXIF
SPITDR
SPIRXIF
SPIRDR
SPIRS
40h
SPITXD
SPI transmit data
buffer
F3h
SPITXD[7:0]
00h
SPIRXD
SPI receive data
buffer
F4h
SPIRXD[7:0]
00h
Master
MOSI
MISO
CLK
IO
IO
Slave 1
MOSI
MISO
CLK
SS
Slave 2
MOSI
MISO
CLK
SS


Similar Part No. - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
More results

Similar Description - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com