Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM59R16A2 Datasheet(PDF) 55 Page - SyncMOS Technologies,Inc

Part # SM59R16A2
Description  8-Bit Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16A2 Datasheet(HTML) 55 Page - SyncMOS Technologies,Inc

Back Button SM59R16A2 Datasheet HTML 51Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 52Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 53Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 54Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 55Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 56Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 57Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 58Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 59Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
SM59R16A2/SM59R08A2
8-Bit Micro-controller
64KB/32KB ISP Flash & 2KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M034
55
Ver.B
SM59R16A2/SM59R08A2
06/2009
Mnemonic: SPIS
Address: F5h
7
6
5
4
3
2
1
0
Reset
-
SPIMLS
SPIOV
SPITXIF
SPITDR
SPIRXIF
SPIRDR
SPIRS
40h
SPIMLS: MSB or LSB output /input first
“1” : MSB output/input first
“0” : LSB output/input first
SPIOV: Overflow flag.
When SPIRDR is set (one byte in SPIRXD but has not been taken away) and the next data also
enters (there is no blocking function), this flag will be set to inform that the received data in
SPIRXD is damaged by this overflow.
It is clear by hardware when SPIRDR is cleared.
SPITXIF: Transmit Interrupt Flag.
This bit is set when the data of the SPITXD register is downloaded to the shift register.
SPITDR: Transmit Data Ready.
When MCU finish writing data to SPITXD register, the MCU needs to set this bit to ‘1’ to inform the
SPI module to send the data. After SPI module finishes sending the data from SPITXD or SPITXD
is downloaded to shift register, this bit will be cleared automatically.
SPIRXIF: Receive Interrupt Flag.
This bit is set after the SPIRXD is loaded with a newly receive data.
SPIRDR: Receive Data Ready.
When a byte is received, SPIRDR is set as a flag to inform MCU.
The MCU must clear this bit
after it gets the data from SPIRXD register.
If the SPI module on the transmit side writes new
data into the SPIRXD before this bit is cleared, then the data will be overwritten.
SPIRS: Receive Start.
This bit set to “1” to inform the SPI module to receive the data into SPIRXD register.
Mnemonic: SPITXD
Address: F3h
7
6
5
4
3
2
1
0
Reset
SPITXD[7:0]
00h
SPITXD[7:0]: Transmit data buffer.
Mnemonic: SPIRXD
Address: F4h
7
6
5
4
3
2
1
0
Reset
SPIRXD[7:0]
00h
SPIRXD[7:0]: Receive data buffer.


Similar Part No. - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
More results

Similar Description - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com