Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM59R16A2 Datasheet(PDF) 57 Page - SyncMOS Technologies,Inc

Part # SM59R16A2
Description  8-Bit Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16A2 Datasheet(HTML) 57 Page - SyncMOS Technologies,Inc

Back Button SM59R16A2 Datasheet HTML 53Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 54Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 55Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 56Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 57Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 58Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 59Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 60Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 61Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
SM59R16A2/SM59R08A2
8-Bit Micro-controller
64KB/32KB ISP Flash & 2KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M034
57
Ver.B
SM59R16A2/SM59R08A2
06/2009
Mnemonic: KBLS
Address: 93h
7
6
5
4
3
2
1
0
Reset
KBLS.7
KBLS.6
KBLS.5
KBLS.4
KBLS.3
KBLS.2
KBLS.1
KBLS.0
00h
KBLS.7: EEI line 7 level selection bit
0 : enable a low level detection on P17.
1 : enable a high level detection on P17.
KBLS.6: EEI line 6 level selection bit
0 : enable a low level detection on P16.
1 : enable a high level detection on P16.
KBLS.5: EEI line 5 level selection bit
0 : enable a low level detection on P15.
1 : enable a high level detection on P15.
KBLS.4: EEI line 4 level selection bit
0 : enable a low level detection on P14.
1 : enable a high level detection on P14.
KBLS.3: EEI line 3 level selection bit
0 : enable a low level detection on P13.
1 : enable a high level detection on P13.
KBLS.2: EEI line 2 level selection bit
0 : enable a low level detection on P12.
1 : enable a high level detection on P12.
KBLS.1: EEI line 1 level selection bit
0 : enable a low level detection on P11.
1 : enable a high level detection on P11.
KBLS.0: EEI line 0 level selection bit
0 : enable a low level detection on P10.
1 : enable a high level detection on P10.
Mnemonic: KBE
Address: 94h
7
6
5
4
3
2
1
0
Reset
KBE.7
KBE.6
KBE.5
KBE.4
KBE.3
KBE.2
KBE.1
KBE.0
00h
KBE.7: EEI line 7 enable bit
0 : enable standard I/O pin.
1 : enable KBF.7 bit in KBF register to generate an interrupt request.
KBE.6: EEI line 6 enable bit
0 : enable standard I/O pin.
1 : enable KBF.6 bit in KBF register to generate an interrupt request.
KBE.5: EEI line 5 enable bit
0 : enable standard I/O pin.
1 : enable KBF.5 bit in KBF register to generate an interrupt request.
KBE.4: EEI line 4 enable bit
0 : enable standard I/O pin.
1 : enable KBF.4 bit in KBF register to generate an interrupt request.
KBE.3: EEI line 3 enable bit
0 : enable standard I/O pin.
1 : enable KBF.3 bit in KBF register to generate an interrupt request.
KBE.2: EEI line 2 enable bit
0 : enable standard I/O pin.
1 : enable KBF.2 bit in KBF register to generate an interrupt request.
KBE.1: EEI line 1 enable bit
0 : enable standard I/O pin.
1 : enable KBF.1 bit in KBF register to generate an interrupt request.
KBE.0: EEI line 0 enable bit
0 : enable standard I/O pin.
1 : enable KBF.0 bit in KBF register to generate an interrupt request.


Similar Part No. - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
More results

Similar Description - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com