Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM59R16A2 Datasheet(PDF) 61 Page - SyncMOS Technologies,Inc

Part # SM59R16A2
Description  8-Bit Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16A2 Datasheet(HTML) 61 Page - SyncMOS Technologies,Inc

Back Button SM59R16A2 Datasheet HTML 57Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 58Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 59Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 60Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 61Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 62Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 63Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 64Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 65Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 67 page
background image
SM59R16A2/SM59R08A2
8-Bit Micro-controller
64KB/32KB ISP Flash & 2KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M034
61
Ver.B
SM59R16A2/SM59R08A2
06/2009
18 10-bit Analog-to-Digital Converter (ADC)
SM59R16A2/SM59R08A2 provides four channel 10-bit ADC. This ADC is in SAR architecture with
excellent precision.
It is advised that there will be no large current surge caused by IO ports or any other functions when
the ADC is measuring.
The large current surge may influence the voltage reference, and make the
results inaccurate.
The Digital output of the sampled analog signal is put into ADCD [9:0]. The ADC interrupt vector is
53h.
The embedded 4-channel ADC is a 10-bit-resolution device with measurement range 0 ~ 3.3V.
The 4 channels are in Port4 [7] ~ Port4 [4]. The following figure shows the precision of this ADC in
real application:
P.S. When ADC module used at VDD=5.0V system,User must attention below two items:
1.
The Port4【7:4】must output “0000” value to delete the offset voltage before start the ADC convertor。
2.
Fig. 20-1: The precision of 10-b ADC(The VDD=3.3V)


Similar Part No. - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
More results

Similar Description - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com