Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM59R16A2 Datasheet(PDF) 62 Page - SyncMOS Technologies,Inc

Part # SM59R16A2
Description  8-Bit Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16A2 Datasheet(HTML) 62 Page - SyncMOS Technologies,Inc

Back Button SM59R16A2 Datasheet HTML 58Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 59Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 60Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 61Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 62Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 63Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 64Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 65Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 66Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 67 page
background image
SM59R16A2/SM59R08A2
8-Bit Micro-controller
64KB/32KB ISP Flash & 2KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M034
62
Ver.B
SM59R16A2/SM59R08A2
06/2009
Mnemonic
Description
Direct
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RESET
ADC
ADCC1
ADC Control 1
ABh
-
-
-
-
ADC3E
ADC2E
ADC1E
ADC0E
00h
ADCC2
ADC Control 2
ACh
COM
START
ADC8B
-
ADCCH[1:0]
ADCCS[1:0]
00h
ADCDH
ADC data high
byte
ADh
-
ADCDH [1:0]
00h
ADCDL
ADC data low
byte
AEh
ADCDL[7:0]
00h
Mnemonic: ADCC1
Address: ABh
7
6
5
4
3
2
1
0
Reset
-
-
-
-
ADC3E
ADC2E
ADC1E
ADC0E
00h
ADC3E: =0 : No external analog input data can be accepted via ADC Chanel 3
=1 : ADC Channel 3 is enable, analog input data can be read through it.
ADC2E: =0 : No external analog input data can be accepted via ADC Chanel 2
=1 : ADC Channel 2 is enable, analog input data can be read through it.
ADC1E: =0 : No external analog input data can be accepted via ADC Chanel 1
=1 : ADC Channel 1 is enable, analog input data can be read through it.
ADC0E: =0 : No external analog input data can be accepted via ADC Chanel 0
=1 : ADC Channel 0 is enable, analog input data can be read through it.
Mnemonic: ADCC2
Address: ACh
7
6
5
4
3
2
1
0
Reset
COM
START
ADC8B
-
ADCCH[1:0]
ADCCS[1:0]
00h
COM: When one conversion is done, COM will be set to 1 to notify the users. It will be clear
automatically by hardware.
This bit is read only.
START: When this bit is set, the ADC will be start conversion. It will be clear automatically by hardware.
ADC8B: Select 10-bit or 8-bit of ADC converted data.
= 0: (default value) 10-bit data conversion ADCD[9:0], where ADCD [9:8] = ADCDH [1:0] and
ADCD [7:0] = ADCDL [7:0]
= 1: 8-bit data conversion ADCD[7:0] = ADCDL [7:0]
ADCCH[1:0] The analog input signal can be chosen with it :
= 00 : Chanel 0 is used as input
= 01 : Chanel 1 is used as input
= 10 : Chanel 2 is used as input
= 11 : Chanel 3 is used as input
The users must also set the corresponding channel enable bit to 1 as described in ADCC1.
ADCCS[1:0]: This is used to select the clock frequency fed to the ADC module :
= 00 : ADC clock is system clock divided by 8
= 01 : ADC clock is system clock divided by 16
= 10 : ADC clock is system clock divided by 32
= 11 : ADC clock is system clock divided by 64
Since ADC takes about 20 ADC clock to finish one conversion, so the fastest speed of one
conversion is about 160 system clocks with ADCLK=00
ADC Clock =
ADCCS
2
8
Fclk
×
ADC Conversion Time =
Clock
ADC
20
ADC Sample Rate =
Time
Conversion
ADC
1


Similar Part No. - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
More results

Similar Description - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com