Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM59R16A2 Datasheet(PDF) 64 Page - SyncMOS Technologies,Inc

Part # SM59R16A2
Description  8-Bit Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16A2 Datasheet(HTML) 64 Page - SyncMOS Technologies,Inc

Back Button SM59R16A2 Datasheet HTML 59Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 60Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 61Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 62Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 63Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 64Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 65Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 66Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 67Page - SyncMOS Technologies,Inc  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
SM59R16A2/SM59R08A2
8-Bit Micro-controller
64KB/32KB ISP Flash & 2KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M034
64
Ver.B
SM59R16A2/SM59R08A2
06/2009
Operating Conditions
Symbol
Description
Min.
Typ.
Max.
Unit.
Remarks
TA
Operating temperature
-40
25
85
Ambient temperature under bias
VDD33
Supply voltage
2.7
3.3
3.6
V
VDD5
Supply voltage
4.5
5.0
5.5
V
DC Characteristics
(TA = -40 degree C to 85 degree C, Vdd = 3.3V)
Symbol
Parameter
Valid
Min.
Max.
Unit
Test Conditions
VIL1
Input Low Voltage
port 0,1,2,3,4,5
-0.5
0.8
V
Vdd=3.3V
VIL2
Input Low Voltage
RES, XTAL1
00.8
V
VIH1
Input High Voltage
port 0,1,2,3,4,5
2.0
Vdd+0.5
V
VIH2
Input High Voltage
RES, XTAL1
70%Vdd
Vdd+0.5
V
VOL1
Output Low Voltage
port 0, ALE
0.45
V
IOL=3.2mA
VOL2
Output Low Voltage
port 1,2,3,4,5
0.45
V
IOL=1.6mA
2.4
V
IOH=-800uA
VOH1
Output High Voltage
port 0
90%Vdd
V
IOH=-80uA
2.4
V
IOH=-60uA
VOH2
Output High Voltage
port 1,2,3,4,5,ALE
90%Vdd
V
IOH=-10uA
IIL
Logical 0 Input Current
port 1,2,3,4,5
-75
uA
Vin=0.45V
ITL
Logical Transition
Current
port 1,2,3,4,5
-650
uA
Vin=2.0V
ILI
Input Leakage Current
port 0
±10
uA
0.45V<Vin<Vdd
R RES
Reset Pull-down
Resistance
RES
50
300
Kohm
C IO
Pin Capacitance
10
pF
Freq=1MHz, Ta=25 ℃
25
mA
Active mode, 16MHz
20
mA
Idle mode, 16MHz
I CC
Power Supply Current
Vdd
30
uA
Power down mode


Similar Part No. - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
More results

Similar Description - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com