Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM59R16A2 Datasheet(PDF) 21 Page - SyncMOS Technologies,Inc

Part # SM59R16A2
Description  8-Bit Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16A2 Datasheet(HTML) 21 Page - SyncMOS Technologies,Inc

Back Button SM59R16A2 Datasheet HTML 17Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 18Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 19Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 20Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 21Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 22Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 23Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 24Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 25Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
SM59R16A2/SM59R08A2
8-Bit Micro-controller
64KB/32KB ISP Flash & 2KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M034
21
Ver.B
SM59R16A2/SM59R08A2
06/2009
4.6 Data Pointer 1
The dual data pointer accelerates the moving of block data.
The standard DPTR is a 16-bit register
that is used to address external memory or peripherals. In the SM59R16A2/SM59R08A2, the
standard data pointer is called DPTR, the second data pointer is called DPTR1. The data pointer
select bit chooses the active pointer.
The data pointer select bit is located in the LSB of DPS
register (DPS.0).
The user switches the pointer between PDTR and DPTR1 by toggling the LSB of DPS register.
All
DPTR-related instructions use the currently selected DPTR for any activity.
Mnemonic: DPL1
Address: 84h
7
6
5
4
3
2
1
0
Reset
DPL1 [7:0]
00h
DPL1[7:0]: Data pointer Low 1
Mnemonic: DPH1
Address: 85h
7
6
5
4
3
2
1
0
Reset
DPH1 [7:0]
00h
DPH1[7:0]: Data pointer High 1
Mnemonic: DPS
Address: 92h
7
6
5
4
3
2
1
0
Reset
-
-
-
-
-
-
-
DPS.0
00h
DPS.0: Data Pointer selects register.
DPS.0 = 1 is selected DPTR1.
4.7 Interface control register
Mnemonic: IFCON
Address: 8Fh
7
6
5
4
3
2
1
0
Reset
ITS
-
-
-
ALEC[1:0]
DMEN
-
00h
ITS: Instruction timing select.
ITS = 0, 2T instruction mode.
ITS = 1, 1T instruction mode.
ALEC[1:0]: ALE output control register.
ALEC[1:0]
ALE Output
00
Always output
01
No ALE output
10
Only Read or Write have ALE output
11
reserved
DMEN: Internal 2K SRAM disable.(default is enable)
DMEN = 0, Enable internal 2K RAM.
DMEN = 1, Disable internal 2K RAM.


Similar Part No. - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
More results

Similar Description - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com