Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM59R16A2 Datasheet(PDF) 23 Page - SyncMOS Technologies,Inc

Part # SM59R16A2
Description  8-Bit Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16A2 Datasheet(HTML) 23 Page - SyncMOS Technologies,Inc

Back Button SM59R16A2 Datasheet HTML 19Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 20Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 21Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 22Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 23Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 24Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 25Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 26Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 27Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
SM59R16A2/SM59R08A2
8-Bit Micro-controller
64KB/32KB ISP Flash & 2KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M034
23
Ver.B
SM59R16A2/SM59R08A2
06/2009
6
Multiplication Division Unit (MDU)
This on-chip arithmetic unit provides 32-bit division, 16-bit multiplication, shift and normalize features,
etc. All operations are unsigned integer operations.
Mnemonic
Description
Direct
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RESET
Multiplication Division Unit
PCON
Power control
87h
SMOD
MDUF
-
PMW
-
-
STOP
IDLE
00h
ARCON
Arithmetic
Control register
EFh
MDEF
MDOV
SLR
SC [4:0]
00h
MD0
Multiplication/Div
ision Register 0
E9h
MD0 [7:0]
00h
MD1
Multiplication/Div
ision Register 1
EAh
MD1 [7:0]
00h
MD2
Multiplication/Div
ision Register 2
EBh
MD2 [7:0]
00h
MD3
Multiplication/Div
ision Register 3
ECh
MD3 [7:0]
00h
MD4
Multiplication/Div
ision Register 4
EDh
MD4 [7:0]
00h
MD5
Multiplication/Div
ision Register 5
EEh
MD5 [7:0]
00h
6.1
Operation of the MDU
The operation of the MDU consists of three phases:
6.1.1
First phase: loading the MDx registers, x = 0~5:
The type of calculation the MDU has to perform is selected by the order in which the MDx registers
are written to.
A write to MD0 is the first transfer to be done in any case.
Next writes must be done
as shown in table below to determine MDU operation.
The last write will start the selected
operation.
Table 6-1: MDU registers write sequence
Operation
32bit/16bit
16bit/16bit
16bit x 16bit
shift/normalizing
First write
MD0 Dividend Low
MD0 Dividend Low
MD0 Multiplicand Low
MD0 LSB
MD1 Dividend
MD1 Dividend High
MD4 Multiplicator Low
MD1
MD2 Dividend
MD1 Multiplicand High
MD2
MD3 Dividend High
MD3 MSB
MD4 Divisor Low
MD4 Divisor Low
Last write
MD5 Divisor High
MD5 Divisor High
MD5 Multiplicator High
ARCON start conversion


Similar Part No. - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
More results

Similar Description - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com