Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM59R16A2 Datasheet(PDF) 28 Page - SyncMOS Technologies,Inc

Part # SM59R16A2
Description  8-Bit Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16A2 Datasheet(HTML) 28 Page - SyncMOS Technologies,Inc

Back Button SM59R16A2 Datasheet HTML 24Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 25Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 26Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 27Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 28Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 29Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 30Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 31Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 32Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
SM59R16A2/SM59R08A2
8-Bit Micro-controller
64KB/32KB ISP Flash & 2KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M034
28
Ver.B
SM59R16A2/SM59R08A2
06/2009
8
Timer 2 and Capture/Compare Unit
Timer 2 is not only a 16-bit timer, also a 4-channel unit with compare, capture and reload functions.
It is very similar to the programmable counter array (PCA) in some other MCUs except pulse width
modulation (PWM).
Mnemonic
Description
Direct
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RESET
Timer 2 and Capture Compare Unit
T2CON
Timer 2 control
C8h
T2PS
CC0FR
-
T2R[1:0]
T2CM
T2I[1:0]
00h
CCEN
Compare/Capture
Enable register
C1h
COCA
H3
COCA
L3
COC
AH2
COCA
L2
COCA
H1
COCA
L1
COCA
H0
COC
AL0
00h
TL2
Timer 2, low byte
CCh
TL2[7:0]
00h
TH2
Timer 2, high byte
CDh
TH2[7:0]
00h
CRCL
Compare/Reload/
Capture register,
low byte
CAh
CRCL[7:0]
00h
CRCH
Compare/Reload/
Capture register,
high byte
CBh
CRCH[7:0]
00h
CCL1
Compare/Capture
register 1, low
byte
C2h
CCL1[7:0]
00h
CCH1
Compare/Capture
register 1, high
byte
C3h
CCH1[7:0]
00h
CCL2
Compare/Capture
register 2, low
byte
C4h
CCL2[7:0]
00h
CCH2
Compare/Capture
register 2, high
byte
C5h
CCH2[7:0]
00h
CCL3
Compare/Capture
register 3, low
byte
C6h
CCL3[7:0]
00h
CCH3
Compare/Capture
register 3, high
byte
C7h
CCH3[7:0]
00h


Similar Part No. - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
More results

Similar Description - SM59R16A2

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com