Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101VC Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32F101VC
Description  High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101VC Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32F101VC Datasheet HTML 98Page - STMicroelectronics STM32F101VC Datasheet HTML 99Page - STMicroelectronics STM32F101VC Datasheet HTML 100Page - STMicroelectronics STM32F101VC Datasheet HTML 101Page - STMicroelectronics STM32F101VC Datasheet HTML 102Page - STMicroelectronics STM32F101VC Datasheet HTML 103Page - STMicroelectronics STM32F101VC Datasheet HTML 104Page - STMicroelectronics STM32F101VC Datasheet HTML 105Page - STMicroelectronics STM32F101VC Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 102 / 106 page
background image
Revision history
STM32F101xC, STM32F101xD, STM32F101xE
102/106
Doc ID 14610 Rev 7
8
Revision history
Table 65.
Document revision history
Date
Revision
Changes
07-Apr-2008
1
Initial release.
22-May-2008
2
Document status promoted from Target Specification to Preliminary
Data.
Section 1: Introduction and Section 2.2: Full compatibility throughout
the family modified. Small text changes.
Note 1 added in Table 2: STM32F101xC, STM32F101xD and
STM32F101xE features and peripheral counts on page 11.
LQPF100/BGA100 column added to Table 6: FSMC pin definition on
page 31.
Values added to Maximum current consumption on page 40 (see
Table 14, Table 15, Table 16 and Table 17).
Values added to Typical current consumption on page 46 (see Table 18,
Table 19 and Table 20 and see Figure 11, Figure 12, Figure 14,
Figure 15 and Figure 16). Table 19: Typical current consumption in
Standby mode removed.
Figure 53: Recommended footprint(1) on page 96 corrected.
Equation 1 corrected. Section 6.2.2: Evaluating the maximum junction
temperature for an application on page 100 added.
21-Jul-2008
3
Document status promoted from Preliminary Data to full datasheet.
FSMC (flexible static memory controller) on page 15 modified.
Power supply supervisor on page 17 modified and VDDA added to
Table 10: General operating conditions on page 38.
Table notes revised in Section 5: Electrical characteristics.
Capacitance modified in Figure 9: Power supply scheme on page 35.
Table 51: SCL frequency (fPCLK1= 36 MHz, VDD = 3.3 V) updated.
Table 52: SPI characteristics modified, th(NSS) modified in Figure 42:
SPI timing diagram - slave mode and CPHA=0 on page 85.
Minimum SDA and SCL fall time value for Fast mode removed from
Table 50: I2C characteristics on page 82, note 1 modified.
IDD_VBAT values added to Table 17: Typical and maximum current
consumptions in Stop and Standby modes on page 43.
Table 30: Flash memory endurance and data retention on page 56
updated.
fHCLK corrected in Table 41: EMS characteristics.
tsu(NSS) modified in Table 52: SPI characteristics.
EO corrected in Table 56: ADC accuracy on page 89. fPCLK2 corrected
in Table 55: ADC accuracy - limited test conditions and Table 56: ADC
accuracy.
Figure 46: Typical connection diagram using the ADC on page 90 and
note below corrected.
Typical TS_temp value removed from Table 58: TS characteristics on
page 93.
Section 6.1: Package mechanical data on page 94 updated.
Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com