Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108CB Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 98Page - STMicroelectronics STM32W108CB Datasheet HTML 99Page - STMicroelectronics STM32W108CB Datasheet HTML 100Page - STMicroelectronics STM32W108CB Datasheet HTML 101Page - STMicroelectronics STM32W108CB Datasheet HTML 102Page - STMicroelectronics STM32W108CB Datasheet HTML 103Page - STMicroelectronics STM32W108CB Datasheet HTML 104Page - STMicroelectronics STM32W108CB Datasheet HTML 105Page - STMicroelectronics STM32W108CB Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 179 page
background image
General-purpose timers
STM32W108CB, STM32W108HB
102/179
Doc ID 16252 Rev 2
Figure 34.
Example of counter operation in encoder interface mode
Figure 35 gives an example of counter behavior when IC1FP1 polarity is inverted (same
configuration as above except TIM_CC1P = 1).
Figure 35.
Example of encoder interface mode with IC1FP1 polarity inverted
The timer configured in encoder interface mode provides information on a sensor's current
position. To obtain dynamic information (speed, acceleration/deceleration), measure the
period between two encoder events using a second timer configured in capture mode. The
output of the encoder that indicates the mechanical zero can be used for this purpose.
Depending on the time between two events, the counter can also be read at regular times.
Do this by latching the counter value into a third input capture register. (In this case the
capture signal must be periodic and can be generated by another timer).
8.1.12
Timer input XOR function
The TIM_TI1S bit in the TIM1_CR2 register allows the input filter of channel 1 to be
connected to the output of a XOR gate that combines the three input pins TIMxC2 to
TIMxC4.
The XOR output can be used with all the timer input functions such as trigger or input
capture. It is especially useful to interface to Hall effect sensors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com