Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM50MX-24A Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CM50MX-24A
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM50MX-24A Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CM50MX-24A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM50MX-24A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM50MX-24A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM50MX-24A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM50MX-24A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM50MX-24A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM50MX-24A Datasheet HTML 7Page - Mitsubishi Electric Semiconductor CM50MX-24A Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Jan. 2009
2
MITSUBISHI IGBT MODULES
CM50MX-24A
HIGH POWER SWITCHING USE
ABSOLUTE MAXIMUM RATINGS (Tj = 25
°C, unless otherwise specified)
INVERTER PART
Symbol
Parameter
Conditions
Rating
Unit
VCES
VGES
IC
ICRM
PC
IE (Note.3)
IERM(Note.3)
Collector-emitter voltage
Gate-emitter voltage
Collector current
Maximum collector dissipation
Emitter current
(Free wheeling diode forward current)
G-E Short
C-E Short
DC, TC = 97
°C
Pulse
TC = 25
°C
TC = 25
°C
Pulse
1200
±20
50
100
355
50
100
V
A
W
A
(Note. 1)
(Note. 4)
(Note. 1, 5)
(Note. 1)
(Note. 4)
BRAKE PART
Rating
Unit
VCES
VGES
IC
ICRM
PC
VRRM(Note.3)
IF
(Note.3)
IFRM(Note.3)
Collector-emitter voltage
Gate-emitter voltage
Collector current
Maximum collector dissipation
Repetitive peak reverse voltage
Forward current
G-E Short
C-E Short
DC, TC = 106
°C
Pulse
TC = 25
°C
TC = 25
°C
Pulse
1200
±20
30
60
260
1200
30
60
V
A
W
V
A
(Note. 1)
(Note. 4)
(Note. 1, 5)
(Note. 1)
(Note. 4)
Symbol
Parameter
Conditions
CONVERTER PART
Rating
Unit
VRRM
Ea
IO
IFSM
I2t
Repetitive peak reverse voltage
Recommended AC input voltage
DC output current
Surge forward current
Current square time
3-phase full wave rectifying, TC = 141
°C
The sine half wave 1 cycle peak value, f = 60Hz,
non-repetitive
Value for one cycle of surge current
1600
440
50
500
1040
V
Vrms
A
A2S
(Note. 1)
Symbol
Parameter
Conditions
MODULE
Rating
Unit
Tj
Tstg
Viso
Junction temperature
Storage temperature
Isolation voltage
Base plate flatness
Torque strength
Weight
Terminals to base plate, f = 60Hz, AC for 1 minute
On the centerline X, Y
Mounting
M5 screw
(Typical)
–40 ~ +150
–40 ~ +125
2500
±0 ~ +100
2.5 ~ 3.5
270
°C
Vrms
μm
N·m
g
Note. 8: The base plate flatness measurement points are in the following figure.
(Note. 8)
Symbol
Parameter
Conditions
X
Y
+
Heat sink side
+:convex
:concave


Similar Part No. - CM50MX-24A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM50MX-24A MITSUBISHI-CM50MX-24A_12 Datasheet
257Kb / 8P
HIGH POWER SWITCHING USE
More results

Similar Description - CM50MX-24A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM35MX-24A MITSUBISHI-CM35MX-24A Datasheet
223Kb / 8P
IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-24F MITSUBISHI-CM50TU-24F_09 Datasheet
119Kb / 4P
IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA_09 Datasheet
86Kb / 4P
IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-34KA MITSUBISHI-CM50TU-34KA Datasheet
87Kb / 4P
IGBT MODULES HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF_09 Datasheet
111Kb / 6P
IGBT MODULES HIGH POWER SWITCHING USE
CM100DU-24F MITSUBISHI-CM100DU-24F_09 Datasheet
108Kb / 4P
IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24NF MITSUBISHI-CM100DY-24NF_09 Datasheet
96Kb / 4P
IGBT MODULES HIGH POWER SWITCHING USE
CM200DU-34KA MITSUBISHI-CM200DU-34KA_09 Datasheet
87Kb / 4P
IGBT MODULES HIGH POWER SWITCHING USE
CM200DY-12NF MITSUBISHI-CM200DY-12NF_09 Datasheet
96Kb / 4P
IGBT MODULES HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA_09 Datasheet
85Kb / 4P
IGBT MODULES HIGH POWER SWITCHING USE
CM600HX-12A MITSUBISHI-CM600HX-12A Datasheet
201Kb / 6P
IGBT MODULES HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com