Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11-MD124 Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # 11-MD124
Description  Low-saturation, Low-voltage Bi-directional Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

11-MD124 Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  11-MD124 Datasheet HTML 1Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 2Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 3Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 4Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 5Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 6Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
11-MD124
SP-MD124-A.008
Version
:A.008
-2-
Absolute Maximum Ratings ( Unless otherwise noted, T
A= 25℃ )
Characteristic
Symbol
Rating
Unit
Supply Voltage
VDD
6.0
V
Input Voltage
VIN
VDD+0.4
V
IODC Current
IODC
500
mA
Power Dissipation
PD
486
mW
Operating Temperature Range
TOPR
-40 ~ 125
°C
Storage Temperature Range
TSTG
-65 ~ 150
°C
Electrical Characteristic (Unless otherwise noted, T
A= 25℃ & VDD = 3V )
Limit
Characteristic
Sym.
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
1.5
3
6
V
Supply Current
IDD
VEN, IN1, IN2 = 0V
0.2
0.5
μ
A
EN / IN1 / IN2 Input Terminal ( TJ = 25℃)
Input Voltage “H”
VIH
-
0.5*VDD
-
VDD+0.4
V
Input Voltage “L”
VIL
-
-0.4
-
0.2*VDD
V
Input Current “H”
IIH
VIN = VDD
-
-
±
5
μ
A
Input Current “L”
IIL
VIN = 0 V
-
-
±
5
μ
A
O1 / O2 / O3 / O4 Output Terminal ( TJ = 25℃)
VOUT0 IOUT = 200 mA
-
0.25
0.35
V
Output Voltage
(upper + lower)
VOUT1 IOUT = 400 mA
-
0.4
0.6
V
Truth Table
Input pins
Output pins
EN
IN1
IN2
O1
O2
O3
O4
Notes
L
-
-
OFF
OFF
OFF
OFF
Standby
L
L
H
L
H
L
L
H
H
L
L
H
H
H
L
H
L
H
H
H
L
L
H
H
L
2-phase
excitation


Similar Part No. - 11-MD124

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
   Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD125 SITI-11-MD125 Datasheet
254Kb / 12P
   2 Channel Low Saturation & Constant Current DC Motor Driver
11-MD127 SITI-11-MD127 Datasheet
230Kb / 10P
   Low-saturation, Low-voltage 2 Channels Bi-directional Motor Driver
More results

Similar Description - 11-MD124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
   Low-saturation, Low-voltage bi-directional Motor Driver
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152A SITI-ST1152A Datasheet
233Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155B SITI-ST1155B Datasheet
257Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155A SITI-ST1155A Datasheet
282Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
logo
List of Unclassifed Man...
ST1151A ETC-ST1151A Datasheet
250Kb / 6P
   Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
logo
Silicon Touch Technolog...
ST1153A SITI-ST1153A Datasheet
275Kb / 7P
   Low-saturation, Low-voltage Bi-directional Multi-Channels Motor Driver
logo
Unisonic Technologies
UH251 UTC-UH251 Datasheet
111Kb / 4P
   LOW-SATURATION, LOW-VOLTAGE 1.5 CHANNEL BI-DIRECTIONAL MOTOR DRIVER
logo
Global Mixed-mode Techn...
G2006 GMT-G2006 Datasheet
41Kb / 1P
   Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com