Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11-MD124 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # 11-MD124
Description  Low-saturation, Low-voltage Bi-directional Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

11-MD124 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  11-MD124 Datasheet HTML 1Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 2Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 3Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 4Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 5Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 6Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
11-MD124
SP-MD124-A.008
Version
:A.008
-3-
Block Diagram & Application Circuit
2
5
8
10
4
1
7
9
Control
Block
IN1
IN2
GND
O4
O3
O2
O1
VDD
10μF
EN
6
Micro-
Controller
Stepping
Motor
3
GND
R1*
* R1 is recommended to 1Ω~ 2Ω.
Timing Chart
IN1
IN2
O2
O3
O1
O4
VDD
ENA
Stepping Motor 2-Phase Excitation


Similar Part No. - 11-MD124

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD125 SITI-11-MD125 Datasheet
254Kb / 12P
2 Channel Low Saturation & Constant Current DC Motor Driver
11-MD127 SITI-11-MD127 Datasheet
230Kb / 10P
Low-saturation, Low-voltage 2 Channels Bi-directional Motor Driver
More results

Similar Description - 11-MD124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
Low-saturation, Low-voltage bi-directional Motor Driver
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152A SITI-ST1152A Datasheet
233Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155B SITI-ST1155B Datasheet
257Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155A SITI-ST1155A Datasheet
282Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
logo
List of Unclassifed Man...
ST1151A ETC-ST1151A Datasheet
250Kb / 6P
Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
logo
Silicon Touch Technolog...
ST1153A SITI-ST1153A Datasheet
275Kb / 7P
Low-saturation, Low-voltage Bi-directional Multi-Channels Motor Driver
logo
Unisonic Technologies
UH251 UTC-UH251 Datasheet
111Kb / 4P
LOW-SATURATION, LOW-VOLTAGE 1.5 CHANNEL BI-DIRECTIONAL MOTOR DRIVER
logo
Global Mixed-mode Techn...
G2006 GMT-G2006 Datasheet
41Kb / 1P
Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com