Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11-MD124 Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # 11-MD124
Description  Low-saturation, Low-voltage Bi-directional Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

11-MD124 Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  11-MD124 Datasheet HTML 1Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 2Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 3Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 4Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 5Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 6Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
11-MD124
SP-MD124-A.008
Version
:A.008
-4-
Application Notes
The GND pin 3 and pin 7 must both connect to system ground.
To increase system stability, connecting the resistor R1 about 1Ω ~ 2Ωbetween system power
and IC power supply VDD is recommended.
Typical Performance Curve
0.0
0.1
0.2
0.3
0.4
0.5
VSAT
OUT
VS I
Output Current I OUT(A)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VDD=3V
VDD=3V
VDD=5V
VDD=5V
V
IN=VDD
Power Supply Voltage VDD(V)
IDD VS VDD
0
0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
V
EN=VDD


Similar Part No. - 11-MD124

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD125 SITI-11-MD125 Datasheet
254Kb / 12P
2 Channel Low Saturation & Constant Current DC Motor Driver
11-MD127 SITI-11-MD127 Datasheet
230Kb / 10P
Low-saturation, Low-voltage 2 Channels Bi-directional Motor Driver
More results

Similar Description - 11-MD124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
Low-saturation, Low-voltage bi-directional Motor Driver
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152A SITI-ST1152A Datasheet
233Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155B SITI-ST1155B Datasheet
257Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155A SITI-ST1155A Datasheet
282Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
logo
List of Unclassifed Man...
ST1151A ETC-ST1151A Datasheet
250Kb / 6P
Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
logo
Silicon Touch Technolog...
ST1153A SITI-ST1153A Datasheet
275Kb / 7P
Low-saturation, Low-voltage Bi-directional Multi-Channels Motor Driver
logo
Unisonic Technologies
UH251 UTC-UH251 Datasheet
111Kb / 4P
LOW-SATURATION, LOW-VOLTAGE 1.5 CHANNEL BI-DIRECTIONAL MOTOR DRIVER
logo
Global Mixed-mode Techn...
G2006 GMT-G2006 Datasheet
41Kb / 1P
Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com