Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11-MD124 Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # 11-MD124
Description  Low-saturation, Low-voltage Bi-directional Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

11-MD124 Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

  11-MD124 Datasheet HTML 1Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 2Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 3Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 4Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 5Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 6Page - Silicon Touch Technology Inc. 11-MD124 Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
11-MD124
SP-MD124-A.008
Version
:A.008
-5-
Package Specifications
(MSOP10)
D
E1
E
b
A1
e
A
A2
12
°(4X)
θ
C
L
y
Dimensions in Millimeter
Dimensions in Inches
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
0.81
0.92
1.07
0.032
0.036
0.042
A1
0.00
0.10
0.000
0.004
A2
0.76
0.86
0.97
0.030
0.034
0.038
b
0.15
0.20
0.30
0.006
0.008
0.012
C
0.13
0.15
0.23
0.005
0.006
0.009
D
2.90
3.00
3.10
0.114
0.118
0.122
E
4.80
4.90
5.00
0.189
0.193
0.197
E1
2.90
3.00
3.10
0.114
0.118
0.122
e
0.50
0.0197
L
0.40
0.53
0.66
0.016
0.021
0.026
Y
0.10
0.004
θ
0
°
6
°
0
°
6
°
(DFN10)


Similar Part No. - 11-MD124

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD125 SITI-11-MD125 Datasheet
254Kb / 12P
2 Channel Low Saturation & Constant Current DC Motor Driver
11-MD127 SITI-11-MD127 Datasheet
230Kb / 10P
Low-saturation, Low-voltage 2 Channels Bi-directional Motor Driver
More results

Similar Description - 11-MD124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST1151A ETC-ST1151A Datasheet
250Kb / 6P
Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
Low-saturation, Low-voltage bi-directional Motor Driver
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152A SITI-ST1152A Datasheet
233Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1153A SITI-ST1153A Datasheet
275Kb / 7P
Low-saturation, Low-voltage Bi-directional Multi-Channels Motor Driver
ST1155A SITI-ST1155A Datasheet
282Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155B SITI-ST1155B Datasheet
257Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
logo
Global Mixed-mode Techn...
G2006 GMT-G2006 Datasheet
41Kb / 1P
Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver
logo
Unisonic Technologies
UH251 UTC-UH251 Datasheet
111Kb / 4P
LOW-SATURATION, LOW-VOLTAGE 1.5 CHANNEL BI-DIRECTIONAL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com