Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1152A Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # ST1152A
Description  Low-saturation, Low-voltage Bi-directional Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1152A Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  ST1152A Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1152A Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1152A Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1152A Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1152A Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1152A Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1152A Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1152A
SP-ST1152A-A.006
Version
:A.006
-2-
PIN NO. PIN NAME
DESCRIPTION
1
VDD
Power supply pin for controller.
2
IN1
Input pin that determines driving mode.
3
O1
Output sinking / driving pin.
4
VS1
Power supply pin for output driver O1/ O2.
5
O2
Output sinking / driving pin.
6
IN2
Input pin that determines driving mode.
7
GND
Ground pin
8
NC
No connecting
9
IN4
Input pin that determines driving mode.
10
O4
Output sinking / driving pin.
11
VS2
Power supply pin for output driver O3/ O4.
12
O3
Output sinking / driving pin.
13
IN3
Input pin that determines driving mode.
14
GND
Ground pin
Absolute Maximum Ratings ( Unless otherwise noted, TA= 25)
Characteristic
Symbol
Rating
Unit
VDD
5.5
V
Supply Voltage
VS
5.5
V
Input Voltage
VIN
VDD+0.4
V
IO
Peak
Current
(in
parallel
connection)
IOPeak
3
A
IODC Current (in parallel connection)
IODC
1.5
A
Power Dissipation
PD
800
mW
Operating Temperature Range
TOPR
-40 ~ 125
°C
Storage Temperature Range
TSTG
-65 ~ 150
°C


Similar Part No. - ST1152A

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
Low-saturation, Low-voltage Bi-directional Motor Driver
More results

Similar Description - ST1152A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST1151A ETC-ST1151A Datasheet
250Kb / 6P
Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
Low-saturation, Low-voltage bi-directional Motor Driver
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD124 SITI-11-MD124 Datasheet
244Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1153A SITI-ST1153A Datasheet
275Kb / 7P
Low-saturation, Low-voltage Bi-directional Multi-Channels Motor Driver
ST1155A SITI-ST1155A Datasheet
282Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155B SITI-ST1155B Datasheet
257Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
logo
Global Mixed-mode Techn...
G2006 GMT-G2006 Datasheet
41Kb / 1P
Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver
logo
Unisonic Technologies
UH251 UTC-UH251 Datasheet
111Kb / 4P
LOW-SATURATION, LOW-VOLTAGE 1.5 CHANNEL BI-DIRECTIONAL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com