Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1152A Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # ST1152A
Description  Low-saturation, Low-voltage Bi-directional Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1152A Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  ST1152A Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1152A Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1152A Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1152A Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1152A Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1152A Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1152A Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1152A
SP-ST1152A-A.006
Version
:A.006
-3-
Electrical Characteristic
(Unless otherwise noted, TA= 25& VDD = VS = 3V )
Limit
Characteristic
Sym.
Condition
Min.
Typ.
Max.
Unit
VDD
1.5
3
5.5
V
Supply Voltage
VS
1.5
3
5.5
V
IDD0
VIN1, IN2, IN3, IN4 = 0V
0.1
10
μ
A
IDD1
VIN1=3V, VIN2, IN3, IN4=0V
0.05
0.5
mA
Supply Current
( IDD + IS )
IDD2
VIN1, IN2=3V, VIN3, IN4=0V
0.1
10
μ
A
IN1 / IN2 / IN3 / IN4 Input Terminal ( TJ = 25℃)
Input Voltage “H”
VIH
-
0.8*VDD
-
VDD+0.
4
V
Input Voltage “L”
VIL
-
-0.4
-
0.2*VDD
V
Input Current “H”
IIH
VIN = VDD
-
-
±
5
μ
A
Input Current “L”
IIL
VIN = 0 V
-
-
±
5
μ
A
O1 / O2 / O3 / O4 Output Terminal ( TJ = 25℃)
VOUT1 IOUT = 200 mA
-
0.15
0.3
V
VOUT2 IOUT = 400 mA
-
0.3
0.6
V
VOUT3 IOUT = 750 mA
-
0.6
0.95
V
VOUT4
IOUT = 400 mA
( parallel connection )
-
0.2
0.35
V
Output Voltage
(upper + lower)
VOUT5
IOUT = 800 mA
( parallel connection )
-
0.4
0.7
V
Output Resistance
Ron
VDD=VS=3V, IOUT=400 mA
-
0.75
-
Output Sustaining
Voltage
VO(SUS) IOUT = 400 mA
-
-
VS
V


Similar Part No. - ST1152A

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
Low-saturation, Low-voltage Bi-directional Motor Driver
More results

Similar Description - ST1152A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST1151A ETC-ST1151A Datasheet
250Kb / 6P
Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
Low-saturation, Low-voltage bi-directional Motor Driver
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD124 SITI-11-MD124 Datasheet
244Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1153A SITI-ST1153A Datasheet
275Kb / 7P
Low-saturation, Low-voltage Bi-directional Multi-Channels Motor Driver
ST1155A SITI-ST1155A Datasheet
282Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155B SITI-ST1155B Datasheet
257Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
logo
Global Mixed-mode Techn...
G2006 GMT-G2006 Datasheet
41Kb / 1P
Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver
logo
Unisonic Technologies
UH251 UTC-UH251 Datasheet
111Kb / 4P
LOW-SATURATION, LOW-VOLTAGE 1.5 CHANNEL BI-DIRECTIONAL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com