Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8366 Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 135Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 136Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 137Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 138Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 139Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 140Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 141Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 142Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 182 page
background image
Configuration
56F8366 Technical Data, Rev. 7
Freescale Semiconductor
139
Preliminary
E
14
11
2 pins - SCI0
2 pins - EMI Address pins
4 pins - SPI0
1 pin - TMRC
1 pin - TMRC - Not available in this package
2 pins - Dedicated GPIO
2 pins - TMRD - Not available in this package
SCI0
EMI Address
SPI0
TMRC
N/A
GPIO
N/A
F16
16
16 pins - EMI Data
EMI Data
Table 8-3 GPIO External Signals Map
Pins in shaded rows are not available in 56F8366/56F8166
Pins in italics are NOT available in the 56F8166 device
GPIO Port
GPIO Bit
Reset
Function
Functional Signal
Package PIn
GPIOA
0Peripheral
A8
19
1Peripheral
A9
20
2
Peripheral
A10
21
3
Peripheral
A11
22
4
Peripheral
A12
23
5
Peripheral
A13
24
6
Peripheral
A14
25
7
Peripheral
A15
26
8
Peripheral
A0
138
9Peripheral
A1
10
10
Peripheral
A2
11
11
Peripheral
A3
12
12
Peripheral
A4
13
13
Peripheral
A5
14
Table 8-2 56F8166 GPIO Ports Configuration (Continued)
GPIO
Port
Port
Width
Available
Pins in
56F8166
Peripheral Function
Reset Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com