Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8366 Datasheet(PDF) 150 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 150 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 146Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 147Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 148Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 149Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 150Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 151Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 152Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 153Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 154Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 182 page
background image
56F8366 Technical Data, Rev. 7
150
Freescale Semiconductor
Preliminary
10.2.1 Temperature Sensor
Note: Temperature Sensor is NOT available in the 56F8166 device.
Table 10-9. Regulator Parameters
Characteristic
Symbol
Min
Typical
Max
Unit
Unloaded Output Voltage
(0mA Load)
VRNL
2.25
—
2.75
V
Loaded Output Voltage
(200mA load)
VRL
2.25
—
2.75
V
Line Regulation @ 250mA load
(VDD33 ranges from 3.0V to 3.6V)
VR
2.25
—
2.75
V
Short Circuit Current
( output shorted to ground)
Iss
—
—
700
mA
Bias Current
I bias
—5.8
7
mA
Power-down Current
Ipd
—0
2
μA
Short-Circuit Tolerance
(output shorted to ground)
TRSC
—
—
30
minutes
Table 10-10. PLL Parameters
Characteristics
Symbol
Min
Typical
Max
Unit
PLL Start-up time
TPS
0.3
0.5
10
ms
Resonator Start-up time
TRS
0.1
0.18
1
ms
Min-Max Period Variation
TPV
120
—
200
ps
Peak-to-Peak Jitter
TPJ
——
175
ps
Bias Current
IBIAS
—1.5
2
mA
Quiescent Current, power-down mode
IPD
—100
150
μA
Table 10-11 Temperature Sense Parametrics
Characteristics
Symbol
Min
Typical
Max
Unit
Slope (Gain)1
m
—
7.762
—
mV/°C
Room Trim Temp. 1, 2
TRT
24
26
28
°C
Hot Trim Temp. (Industrial)1,2
THT
122
125
128
°C
Hot Trim Temp. (Automotive)1,2
THT
147
150
153
°C
RES = (VREFH - VREFLO) X 1
212
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com