Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8366 Datasheet(PDF) 175 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 175 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 171Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 172Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 173Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 174Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 175Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 176Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 177Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 178Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 179Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 182 page
background image
56F8166 Package and Pin-Out Information
56F8366 Technical Data, Rev. 7
Freescale Semiconductor
175
Preliminary
Table 11-2 56F8166 144-Pin LQFP Package Identification by Pin Number
Pin No.
Signal
Name
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
1VDD_IO
37
VSS
73
NC
109
ANB5
2VPP238
VDD_IO
74
NC
110
ANB6
3
CLKO
39
PWMB3
75
D3
111
ANB7
4
TXD0
40
PWMB4
76
D4
112
EXTBOOT
5RXD0
41PWMB5
77
D5
113
GPIOC8
6
SCLK1
42
TXD1
78
D6
114
GPIOC9
7
MOSI1
43
RXD1
79
OCR_DIS
115
GPIOC10
8MISO1
44
WR
80
VDDA_OSC_PLL
116
GPIOE10
9
SS1
45
RD
81
XTAL
117
GPIOE11
10
A1
46
PS
82
EXTAL
118
TC0
11
A2
47
DS
83
VCAP3
119
VDD_IO
12
A3
48
GPIOD0
84
VDD_IO
120
TRST
13
A4
49
GPIOD1
85
RSTO
121
TCK
14
A5
50
ISB0
86
RESET
122
TMS
15
VCAP451
VCAP1
87
CLKMODE
123
TDI
16
VDD_IO
52
ISB1
88
ANA0
124
TDO
17
A6
53
ISB2
89
ANA1
125
VPP1
18
A7
54
IRQA
90
ANA2
126
NC
19
A8
55
IRQB
91
ANA3
127
NC
20
A9
56
FAULTB0
92
ANA4
128
VCAP2
21
A10
57
FAULTB1
93
ANA5
129
SS0
22
A11
58
FAULTB2
94
ANA6
130
SCLK0
23
A12
59
D0
95
ANA7
131
MISO0
24
A13
60
D1
96
NC
132
MOSI0
25
A14
61
FAULTB3
97
VREFLO
133
D11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com