Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8367 Datasheet(PDF) 168 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 168 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 164Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 165Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 166Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 167Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 168Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 169Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 170Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 171Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 172Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 182 page
background image
56F8367 Technical Data, Rev. 9
168
Freescale Semiconductor
Preliminary
26
A15
66
IRQB
106
ANA6
146
SCLK0
27
VSS
67
FAULTB0
107
ANA7
147
MISO0
28
D7
68
FAULTB1
108
TEMP_SENSE
148
MOSI0
29
D8
69
FAULTB2
109
VREFLO
149
D11
30
D9
70
D0
110
VREFN
150
D12
31
VDD_IO
71
D1
111
VREFMID
151
D13
32
D10
72
FAULTB3
112
VREFP
152
D14
33
GPIOB0
73
PWMA0
113
VREFH
153
D15
34
GPIOB1
74
VSS
114
VDDA_ADC
154
A0
35
GPIOB2
75
PWMA1
115
VSSA_ADC
155
PHASEA0
36
GPIOB3
76
PWMA2
116
ANB0
156
PHASEB0
37
GPIOB4
77
VDD_IO
117
ANB1
157
INDEX0
38
PWMB0
78
PWMA3
118
ANB2
158
HOME0
39
PWMB1
79
PWMA4
119
ANB3
159
EMI_MODE
40
PWMB2
80
VSS
120
ANB4
160
VSS
Table 11-1 56F8367 160-Pin LQFP Package Identification by Pin Number (Continued)
Pin No.
Signal
Name
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com