Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893CKILF Datasheet(PDF) 111 Page - Integrated Device Technology

Part # ICS1893CKILF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1893CKILF Datasheet(HTML) 111 Page - Integrated Device Technology

Back Button ICS1893CKILF Datasheet HTML 107Page - Integrated Device Technology ICS1893CKILF Datasheet HTML 108Page - Integrated Device Technology ICS1893CKILF Datasheet HTML 109Page - Integrated Device Technology ICS1893CKILF Datasheet HTML 110Page - Integrated Device Technology ICS1893CKILF Datasheet HTML 111Page - Integrated Device Technology ICS1893CKILF Datasheet HTML 112Page - Integrated Device Technology ICS1893CKILF Datasheet HTML 113Page - Integrated Device Technology ICS1893CKILF Datasheet HTML 114Page - Integrated Device Technology ICS1893CKILF Datasheet HTML 115Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 127 page
background image
Chapter 9 DC and AC Operating Conditions
ICS1893CF, Rev. J, 08/11/09
August, 2009
111
ICS1893CF Data Sheet Rev. J - Release
Copyright © 2009, Integrated Device Technology, Inc.
All rights reserved.
9.5.9 10M Media Independent Interface: Transmit Latency
Table 9-16 lists the significant time periods for the 10M MII transmit latency. The time periods consist of
timings of signals on the following pins:
• TXEN
• TXCLK
• TXD (that is, TXD[3:0])
• TP_TX (that is, TP_TXP and TP_TXN)
Figure 9-10 shows the timing diagram for the time periods.
Figure 9-10. 10M MII Transmit Latency Timing Diagram
Table 9-16. 10M MII Transmit Latency Timing
Time
Period
Parameter
Conditions
Min.
Typ. Max.
Units
t1
TXD Sampled to MDI Output of First Bit
10M MII
–
1.2
2
Bit times
TXCLK
TXEN
TXD
† Manchester
encoding is
not shown.
55
5
t1
TP_TX†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com