Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200-CJ-002 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT91RM9200-CJ-002
Description  ARM920T-based Microcontroller
Download  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200-CJ-002 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT91RM9200-CJ-002 Datasheet HTML 3Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 4Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 5Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 6Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 7Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 8Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 9Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 10Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 701 page
background image
7
1768I–ATARM–09-Jul-09
AT91RM9200
USB Device Port
DDM
USB Device Port Data -
Analog
DDP
USB Device Port Data +
Analog
USB Host Port
HDMA
USB Host Port A Data -
Analog
HDPA
USB Host Port A Data +
Analog
HDMB
USB Host Port B Data -
Analog
HDPB
USB Host Port B Data +
Analog
Ethernet MAC
EREFCK
Reference Clock
Input
RMII only
ETXCK
Transmit Clock
Input
MII only
ERXCK
Receive Clock
Input
MII only
ETXEN
Transmit Enable
Output
ETX0 - ETX3
Transmit Data
Output
ETX0 - ETX1 only in RMII
ETXER
Transmit Coding Error
Output
MII only
ERXDV
Receive Data Valid
Input
MII only
ECRSDV
Carrier Sense and Data Valid
Input
RMII only
ERX0 - ERX3
Receive Data
Input
ERX0 - ERX1 only in RMII
ERXER
Receive Error
Input
ECRS
Carrier Sense
Input
MII only
ECOL
Collision Detected
Input
MII only
EMDC
Management Data Clock
Output
EMDIO
Management Data Input/Output
I/O
EF100
Force 100 Mbits/sec.
Output
High
RMII only
Synchronous Serial Controller
TD0 - TD2
Transmit Data
Output
RD0 - RD2
Receive Data
Input
TK0 - TK2
Transmit Clock
I/O
RK0 - RK2
Receive Clock
I/O
TF0 - TF2
Transmit Frame Sync
I/O
RF0 - RF2
Receive Frame Sync
I/O
Timer/Counter
TCLK0 - TCLK5
External Clock Input
Input
TIOA0 - TIOA5
I/O Line A
I/O
TIOB0 - TIOB5
I/O Line B
I/O
Table 3-1.
Signal Description by Peripheral
Pin Name
Function
Type
Active
Level
Comments


Similar Part No. - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
   ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
   ARM7TDMI??based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
   ARM-Based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
   ARM7TDMI BASED MICROCONTROLLER
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
   ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
   Nuvoton 8051-based Microcontroller
logo
ATMEL Corporation
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com