Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200-CJ-002 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT91RM9200-CJ-002
Description  ARM920T-based Microcontroller
Download  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200-CJ-002 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT91RM9200-CJ-002 Datasheet HTML 1Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 2Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 3Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 4Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 5Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 6Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 7Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 8Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 701 page
background image
Features
Incorporates the ARM920TARM® Thumb® Processor
– 200 MIPS at 180 MHz, Memory Management Unit
– 16-KByte Data Cache, 16-KByte Instruction Cache, Write Buffer
– In-circuit Emulator including Debug Communication Channel
– Mid-level Implementation Embedded Trace Macrocell(256-ball BGA Package
only)
Low Power: On VDDCORE 24.4 mA in Normal Mode, 520 µA in Standby Mode
Additional Embedded Memories
– 16K Bytes of SRAM and 128K Bytes of ROM
External Bus Interface (EBI)
– Supports SDRAM, Static Memory, Burst Flash, Glueless Connection to
CompactFlash® and NAND Flash/SmartMedia®
System Peripherals for Enhanced Performance:
– Enhanced Clock Generator and Power Management Controller
– Two On-chip Oscillators with Two PLLs
– Very Slow Clock Operating Mode and Software Power Optimization Capabilities
– Four Programmable External Clock Signals
– System Timer Including Periodic Interrupt, Watchdog and Second Counter
– Real-time Clock with Alarm Interrupt
– Debug Unit, Two-wire UART and Support for Debug Communication Channel
– Advanced Interrupt Controller with 8-level Priority, Individually Maskable Vectored
Interrupt Sources, Spurious Interrupt Protected
– Seven External Interrupt Sources and One Fast Interrupt Source
– Four 32-bit PIO Controllers with Up to 122 Programmable I/O Lines, Input Change
Interrupt and Open-drain Capability on Each Line
– 20-channel Peripheral DMA Controller (PDC)
Ethernet MAC 10/100 Base-T
– Media Independent Interface (MII) or Reduced Media Independent Interface (RMII)
– Integrated 28-byte FIFOs and Dedicated DMA Channels for Receive and Transmit
USB 2.0 Full Speed (12 Mbits per second) Host Double Port
– Dual On-chip Transceivers (Single Port Only on 208-lead PQFP Package)
– Integrated FIFOs and Dedicated DMA Channels
USB 2.0 Full Speed (12 Mbits per second) Device Port
– On-chip Transceiver, 2-Kbyte Configurable Integrated FIFOs
Multimedia Card Interface (MCI)
– Automatic Protocol Control and Fast Automatic Data Transfers
– MMC and SD Memory Card-compliant, Supports Up to Two SD Memory Cards
Three Synchronous Serial Controllers (SSC)
– Independent Clock and Frame Sync Signals for Each Receiver and Transmitter
–I2S Analog Interface Support, Time Division Multiplex Support
– High-speed Continuous Data Stream Capabilities with 32-bit Data Transfer
Four Universal Synchronous/Asynchronous Receiver/Transmitters (USART)
– Support for ISO7816 T0/T1 Smart Card
– Hardware Handshaking
– RS485 Support, IrDA® Up To 115 Kbps
– Full Modem Control Lines on USART1
Master/Slave Serial Peripheral Interface (SPI)
– 8- to 16-bit Programmable Data Length, 4 External Peripheral Chip Selects
ARM920T-based
Microcontroller
AT91RM9200
Rev. 1768I-ATARM–09-Jul-09


Similar Part No. - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
8Mb / 683P
ARM920T based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
7Mb / 689P
ARM920T-based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
769Kb / 41P
ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
ARM7TDMI??based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
ARM7TDMI BASED MICROCONTROLLER
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
ARM920T based Microcontroller
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
ARM920T-based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
ARM-Based Microcontroller
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
SMART ARM-Based Microcontroller
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
Nuvoton 8051-based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com