Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200-CJ-002 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT91RM9200-CJ-002
Description  ARM920T-based Microcontroller
Download  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200-CJ-002 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT91RM9200-CJ-002 Datasheet HTML 13Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 14Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 15Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 16Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 17Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 18Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 19Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 20Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 701 page
background image
17
1768I–ATARM–09-Jul-09
AT91RM9200
8.
Memories
Figure 8-1.
AT91RM9200 Memory Mapping
16K Bytes
0xFFFC 0000
16K Bytes
0xFFFC 4000
USART2
16K Bytes
0xFFFC 8000
16K Bytes
16K Bytes
16K Bytes
0xFFFA 4000
TCO, TC1, TC2
0xFFFA 8000
0xFFFB 4000
MCI
0xFFFB C000
TWI
0xFFFA 0000
0xFFFB 0000
UDP
16K Bytes
16K Bytes
16K Bytes
0xFFFB 8000
16K Bytes
16K Bytes
EMAC
256M Bytes
0x1000 0000
0x0000 0000
0x0FFF FFFF
0xF000 0000
0xEFFF FFFF
Address Memory Space
Internal Peripherals
Internal Memories
EBI
Chip Select 0 /
BFC
EBI
Chip Select 1 /
SDRAMC
EBI
Chip Select 2
EBI
Chip Select 3 /
NANDFlash Logic
EBI
Chip Select 4 /
CF Logic
EBI
Chip Select 5 /
CF Logic
EBI
Chip Select 6 /
CF Logic
EBI
Chip Select 7
Undefined
(Abort)
256M Bytes
256M Bytes
256M Bytes
256M Bytes
256M Bytes
256M Bytes
256M Bytes
1,518M Bytes
0x2000 0000
0x1FFF FFFF
0x3000 0000
0x2FFF FFFF
0x4000 0000
0x3FFF FFFF
0x6FFF FFFF
0x6000 0000
0x5FFF FFFF
0x5000 0000
0x4FFF FFFF
0x7000 0000
0x7FFF FFFF
0x8000 0000
0x8FFF FFFF
0x9000 0000
256M Bytes
0xFFFF FC00
0xFFFF FA00
0xFFFF F800
0xFFFF F600
0xFFFF F400
0xFFFF F200
256 Bytes
512 bytes
512 Bytes
512 Bytes
PMC
PIOC
PIOB
PIOA
DBGU
ST
0xFFFF F000
512 Bytes
AIC
512 Bytes
RTC
MC
256M Bytes
1 MBytes
0x0020 0000
SRAM
0x0030 0000
0x0010 0000
0x0040 0000
ROM
0x0FFF FFFF
User Peripheral Mapping
Internal Memory Mapping
Boot Memory (1)
0x0000 0000
(1) Can be SRAM, ROM or Flash depending
on BMS and the REMAP Command
Notes :
0xFFFE 0000
16K Bytes
SPI
0xFFFF FFFF
0xFFFF FFFF
System Peripheral Mapping
USB Host
User Interface
Undefined
(Abort)
USART0
USART1
USART3
1 MBytes
1 MBytes
248 MBytes
0xFFFF FFFF
Reserved
0xF000 0000
16K Bytes
SSC0
0xFFFD 8000
512 bytes
PIOD
1 MBytes
0xFFFE 4000
Reserved
256 Bytes
256 Bytes
256 Bytes
0xFFFF FD00
0xFFFF FE00
0xFFFF FF00
TC3, TC4, TC5
Reserved
0xFFFD 0000
16K Bytes
SSC1
0xFFFD 4000
16K Bytes
SSC2
Reserved
Reserved
0xFFFC C000
0xFFFD C000
0xFFFE 4000


Similar Part No. - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
8Mb / 683P
ARM920T based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
7Mb / 689P
ARM920T-based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
769Kb / 41P
ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
ARM920T based Microcontroller
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
ARM7TDMI??based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
ARM-Based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
ARM7TDMI BASED MICROCONTROLLER
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
Nuvoton 8051-based Microcontroller
logo
ATMEL Corporation
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
SMART ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com