Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200-CJ-002 Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT91RM9200-CJ-002
Description  ARM920T-based Microcontroller
Download  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200-CJ-002 Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT91RM9200-CJ-002 Datasheet HTML 32Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 33Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 34Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 35Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 36Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 37Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 38Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 39Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 701 page
background image
36
1768I–ATARM–09-Jul-09
AT91RM9200
11.3
ARM9TDMI Processor
11.3.1
Instruction Type
Instructions are either 32 bits (in ARM state) or 16 bits (in Thumb state).
11.3.2
Data Types
ARM9TDMI supports byte (8-bit), half-word (16-bit) and word (32-bit) data types. Words must be
aligned to four-byte boundaries and half-words to two-byte boundaries.
Unaligned data access behavior depends on which instruction is used in a particular location.
11.3.3
ARM9TDMI Operating Modes
The ARM9TDMI, based on ARM architecture v4T, supports seven processor modes:
• User: Standard ARM program execution state
• FIQ: Designed to support high-speed data transfer or channel processes
• IRQ: Used for general-purpose interrupt handling
• Supervisor: Protected mode for the operating system
• Abort mode: Implements virtual memory and/or memory protection
• System: A privileged user mode for the operating system
• Undefined: Supports software emulation of hardware coprocessors
Mode changes may be made under software control, or may be brought about by external inter-
rupts or exception processing. Most application programs will execute in User Mode. The non-
user modes, known as privileged modes, are entered in order to service interrupts or exceptions
or to access protected resources.
11.3.4
ARM9TDMI Registers
The ARM9TDMI processor core consists of a 32-bit datapath and associated control logic. That
datapath contains 31 general-purpose registers, coupled to a full shifter, Arithmetic Logic Unit
and multiplier.
At any one time, 16 registers are visible to the user. The remainder are synonyms used to speed
up exception processing.
Register 15 is the Program Counter (PC) and can be used in all instructions to reference data
relative to the current instruction.
R14 holds the return address after a subroutine call.
R13 is used (by software convention) as a stack pointer.
Table 11-1.
ARM9TDMI Modes and Register Layout
User and
System
Mode
Supervisor
Mode
Abort Mode
Undefined
Mode
Interrupt
Mode
Fast
Interrupt
Mode
R0
R0
R0
R0
R0
R0
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
R2
R2
R3
R3
R3
R3
R3
R3
R4
R4
R4
R4
R4
R4


Similar Part No. - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
8Mb / 683P
ARM920T based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
7Mb / 689P
ARM920T-based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
769Kb / 41P
ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
ARM7TDMI??based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
ARM7TDMI BASED MICROCONTROLLER
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
ARM920T based Microcontroller
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
ARM920T-based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
ARM-Based Microcontroller
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
SMART ARM-Based Microcontroller
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
Nuvoton 8051-based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com