Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200-CJ-002 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT91RM9200-CJ-002
Description  ARM920T-based Microcontroller
Download  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200-CJ-002 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT91RM9200-CJ-002 Datasheet HTML 33Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 34Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 35Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 36Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 37Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 38Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 39Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 40Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 701 page
background image
37
1768I–ATARM–09-Jul-09
AT91RM9200
Registers R0 to R7 are unbanked registers, thus each of them refers to the same 32-bit physical
register in all processor modes. They are general-purpose registers, with no special uses man-
aged by the architecture, and can be used wherever an instruction allows a general-purpose
register to be specified.
Registers R8 to R14 are banked registers. This means that each of them depends of the current
processor mode.
For further details, see the ARM Architecture Reference Manual, Rev. DDI0100E.
11.3.4.1
Modes and Exception Handling
All exceptions have banked registers for R14 and R13.
After an exception, R14 holds the return address for exception processing. This address is used
both to return after the exception is processed and to address the instruction that caused the
exception.
R13 is banked across exception modes to provide each exception handler with a private stack
pointer.
The fast interrupt mode also banks registers 8 to 12 so that interrupt processing can begin with-
out the need to save these registers.
R5
R5
R5
R5
R5
R5
R6
R6
R6
R6
R6
R6
R7
R7
R7
R7
R7
R7
R8
R8
R8
R8
R8
R8_FIQ
R9
R9
R9
R9
R9
R9_FIQ
R10
R10
R10
R10
R10
R10_FIQ
R11
R11
R11
R11
R11
R11_FIQ
R12
R12
R12
R12
R12
R12_FIQ
R13
R13_SVC
R13_ABORT
R13_UNDEF
R13_IRQ
R13_FIQ
R14
R14_SVC
R14_ABORT
R14_UNDEF
R14_IRQ
R14_FIQ
PC
PC
PC
PC
PC
PC
CPSR
CPSR
CPSR
CPSR
CPSR
CPSR
SPSR_SVC
SPSR_ABO
RT
SPSR_UND
EF
SPSR_IRQ
SPSR_FIQ
Mode-specific banked
registers
Table 11-1.
ARM9TDMI Modes and Register Layout (Continued)
User and
System
Mode
Supervisor
Mode
Abort Mode
Undefined
Mode
Interrupt
Mode
Fast
Interrupt
Mode


Similar Part No. - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
   ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
   ARM7TDMI??based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
   ARM-Based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
   ARM7TDMI BASED MICROCONTROLLER
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
   ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
   Nuvoton 8051-based Microcontroller
logo
ATMEL Corporation
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com