Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200-CJ-002 Datasheet(PDF) 59 Page - ATMEL Corporation

Part # AT91RM9200-CJ-002
Description  ARM920T-based Microcontroller
Download  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200-CJ-002 Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button AT91RM9200-CJ-002 Datasheet HTML 55Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 56Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 57Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 58Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 59Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 60Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 61Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 62Page - ATMEL Corporation AT91RM9200-CJ-002 Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 701 page
background image
59
1768I–ATARM–09-Jul-09
AT91RM9200
12. Debug and Test Features (DBG Test)
12.1
Overview
The AT91RM9200 features a number of complementary debug and test capabilities. A common
JTAG/ICE (In-Circuit Emulator) port is used for standard debugging functions such as download-
ing code and single-stepping through programs. An ETM (Embedded Trace Macrocell) provides
more sophisticated debug features such as address and data comparators, half-rate clock
mode, counters, sequencer and FIFO. The Debug Unit provides a two-pin UART that can be
used to upload an application into internal SRAM. It manages the interrupt handling of the inter-
nal COMMTX and COMMRX signals that trace the activity of the Debug Communication
Channel.
A set of dedicated debug and test input/output pins give direct access to these capabilities from
a PC-based test environment.
Features of Debug and Test Features are:
• Integrated Embedded In-Circuit-Emulator
• Debug Unit
–Two-pin UART
– Debug Communication Channel
– Chip ID Register
• Embedded Trace Macrocell: ETM9 Rev2a
– Medium Level Implementation
– Half-rate Clock Mode
– Four Pairs of Address Comparators
– Two Data Comparators
– Eight Memory Map Decoder Inputs
–Two Counters
– One Sequencer
– One 18-byte FIFO
• IEEE1149.1 JTAG Boundary Scan on all Digital Pins


Similar Part No. - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
8Mb / 683P
ARM920T based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
7Mb / 689P
ARM920T-based Microcontroller
AT91RM9200-CJ-002 ATMEL-AT91RM9200-CJ-002 Datasheet
769Kb / 41P
ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200-CJ-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_06 Datasheet
7Mb / 689P
ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
ARM920T based Microcontroller
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
ARM7TDMI??based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
ARM-Based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
ARM7TDMI BASED MICROCONTROLLER
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
Nuvoton 8051-based Microcontroller
logo
ATMEL Corporation
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
SMART ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com