Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega128 Datasheet(PDF) 329 Page - ATMEL Corporation

Part # ATmega128
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega128 Datasheet(HTML) 329 Page - ATMEL Corporation

Back Button ATmega128 Datasheet HTML 325Page - ATMEL Corporation ATmega128 Datasheet HTML 326Page - ATMEL Corporation ATmega128 Datasheet HTML 327Page - ATMEL Corporation ATmega128 Datasheet HTML 328Page - ATMEL Corporation ATmega128 Datasheet HTML 329Page - ATMEL Corporation ATmega128 Datasheet HTML 330Page - ATMEL Corporation ATmega128 Datasheet HTML 331Page - ATMEL Corporation ATmega128 Datasheet HTML 332Page - ATMEL Corporation ATmega128 Datasheet HTML 333Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 386 page
background image
329
2467S–AVR–07/09
ATmega128
Table 139. External Data Memory Characteristics, 4.5 - 5.5 Volts, SRWn1 = 1, SRWn0 = 0
Symbol
Parameter
4 MHz Oscillator
Variable Oscillator
Unit
Min
Max
Min
Max
01/tCLCL
Oscillator Frequency
0.0
16
MHz
10
t
RLDV
Read Low to Data Valid
325
3.0t
CLCL-50
ns
12
tRLRH
RD Pulse Width
365
3.0tCLCL-10
ns
15
tDVWH
Data Valid to WR High
375
3.0tCLCL
ns
16
t
WLWH
WR Pulse Width
365
3.0t
CLCL-10
ns
Table 140. External Data Memory Characteristics, 4.5 - 5.5 Volts, SRWn1 = 1, SRWn0 = 1
Symbol
Parameter
4 MHz Oscillator
Variable Oscillator
Unit
Min
Max
Min
Max
01/tCLCL
Oscillator Frequency
0.0
16
MHz
10
tRLDV
Read Low to Data Valid
325
3.0tCLCL-50
ns
12
t
RLRH
RD Pulse Width
365
3.0t
CLCL-10
ns
14
tWHDX
Data Hold After WR High
240
2.0tCLCL-10
ns
15
tDVWH
Data Valid to WR High
375
3.0tCLCL
ns
16
t
WLWH
WR Pulse Width
365
3.0t
CLCL-10
ns
Table 141. External Data Memory Characteristics, 2.7 - 5.5 Volts, No Wait-state
Symbol
Parameter
4 MHz Oscillator
Variable Oscillator
Unit
Min
Max
Min
Max
01/tCLCL
Oscillator Frequency
0.0
8
MHz
1t
LHLL
ALE Pulse Width
235
t
CLCL-15
ns
2t
AVLL
Address Valid A to ALE Low
115
0.5t
CLCL-10
(1)
ns
3a
t
LLAX_ST
Address Hold After ALE Low,
write access
55
ns
3b
tLLAX_LD
Address Hold after ALE Low,
read access
55
ns
4t
AVLLC
Address Valid C to ALE Low
115
0.5t
CLCL-10
(1)
ns
5t
AVRL
Address Valid to RD Low
235
1.0t
CLCL-15
ns
6tAVWL
Address Valid to WR Low
235
1.0tCLCL-15
ns
7t
LLWL
ALE Low to WR Low
115
130
0.5t
CLCL-10
(2)
0.5t
CLCL+5
(2)
ns
8tLLRL
ALE Low to RD Low
115
130
0.5tCLCL-10
(2)
0.5tCLCL+5
(2)
ns
9tDVRH
Data Setup to RD High
45
45
ns
10
t
RLDV
Read Low to Data Valid
190
1.0t
CLCL-60
ns
11
tRHDX
Data Hold After RD High
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com