Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega162V-8AI Datasheet(PDF) 232 Page - ATMEL Corporation

Part # ATmega162V-8AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162V-8AI Datasheet(HTML) 232 Page - ATMEL Corporation

Back Button ATmega162V-8AI Datasheet HTML 228Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 229Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 230Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 231Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 232Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 233Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 234Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 235Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 236Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 324 page
background image
232
2513K–AVR–07/09
ATmega162/V
Notes:
1. Program the Fuse bits and Boot Lock bits before programming the LB1 and LB2.
2. “1” means unprogrammed, “0” means programmed
Fuse Bits
The ATmega162 has three Fuse bytes. Table 99 and Table 100 describe briefly the functionality
of all the fuses and how they are mapped into the Fuse bytes. Note that the fuses are read as
logical zero, “0”, if they are programmed.
Notes:
1. See “ATmega161 Compatibility Mode” on page 4 for details.
2. See Table 19 on page 50 for BODLEVEL Fuse decoding.
BLB1 Mode
BLB12
BLB11
11
1
No restrictions for SPM or LPM accessing the Boot Loader
section.
2
1
0
SPM is not allowed to write to the Boot Loader section.
30
0
SPM is not allowed to write to the Boot Loader section,
and LPM executing from the Application section is not
allowed to read from the Boot Loader section. If Interrupt
Vectors are placed in the Application section, interrupts
are disabled while executing from the Boot Loader section.
40
1
LPM executing from the Application section is not allowed
to read from the Boot Loader section. If Interrupt Vectors
are placed in the Application section, interrupts are
disabled while executing from the Boot Loader section.
Table 97. Lock Bit Protection Modes
(1)(2) (Continued)
Memory Lock Bits
Protection Type
Table 98. Extended Fuse Byte
(1)(2)
Fuse Low Byte
Bit no
Description
Default Value
–7
–
1
–6
–
1
–5
–
1
M161C
4
ATmega161 compatibility
mode
1 (unprogrammed)
BODLEVEL2(2)
3
Brown-out Detector
trigger level
1 (unprogrammed)
BODLEVEL1(2)
2
Brown-out Detector
trigger level
1 (unprogrammed)
BODLEVEL0(2)
1
Brown-out Detector
trigger level
1 (unprogrammed)
–0
–
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com