Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega162V-8AI Datasheet(PDF) 302 Page - ATMEL Corporation

Part # ATmega162V-8AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162V-8AI Datasheet(HTML) 302 Page - ATMEL Corporation

Back Button ATmega162V-8AI Datasheet HTML 298Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 299Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 300Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 301Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 302Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 303Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 304Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 305Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 306Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 324 page
background image
302
2513K–AVR–07/09
ATmega162/V
Current Consumption
in Reset and Reset
Pulsewidth
Figure 175. Reset Supply Current vs. Frequency (0.1 - 1.0 MHz, Excluding Current Through
The Reset Pull-up)
Figure 176. Reset Supply Current vs. Frequency (1 - 20 MHz, Excluding Current Through The
Reset Pull-up)
RESET SUPPLY CURRENT vs. FREQUENCY
0.1 - 1.0 MHz, EXCLUDING CURRENT THROUGH THE RESET PULLUP
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Frequency (MHz)
5.5V
4.5V
4.0V
3.3V
2.7V
1.8V
5.0V
RESET SUPPLY CURRENT vs. FREQUENCY
1 - 20 MHz, EXCLUDING CURRENT THROUGH THE RESET PULLUP
0
5
10
15
20
25
30
35
02468
10
12
14
16
18
20
Frequency (MHz)
5.5V
4.5V
4.0V
3.3V
2.7V
1.8V
5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com