Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega162V-8AI Datasheet(PDF) 320 Page - ATMEL Corporation

Part # ATmega162V-8AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162V-8AI Datasheet(HTML) 320 Page - ATMEL Corporation

Back Button ATmega162V-8AI Datasheet HTML 316Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 317Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 318Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 319Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 320Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 321Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 322Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 323Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 324Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 320 / 324 page
background image
ii
2513K–AVR–07/09
ATmega162/V
System Clock and Clock Options 35
Clock Systems and their Distribution 35
Clock Sources 36
Default Clock Source 36
Crystal Oscillator 36
Low-frequency Crystal Oscillator 38
Calibrated Internal RC Oscillator 38
External Clock 40
Clock output buffer 40
Timer/Counter Oscillator 41
System Clock Prescaler 41
Power Management and Sleep Modes 43
Idle Mode 44
Power-down Mode 44
Power-save Mode 45
Standby Mode 45
Extended Standby Mode 45
Minimizing Power Consumption 46
System Control and Reset 47
Internal Voltage Reference 52
Watchdog Timer 52
Timed Sequences for Changing the Configuration of the Watchdog Timer 56
Interrupts 57
Interrupt Vectors in ATmega162 57
I/O-Ports 63
Introduction 63
Ports as General Digital I/O 63
Alternate Port Functions 68
Register Description for I/O-Ports 82
External Interrupts 84
8-bit Timer/Counter0 with PWM 89
Overview 89
Timer/Counter Clock Sources 90
Counter Unit 91
Output Compare Unit 91
Compare Match Output Unit 93
Modes of Operation 94
Timer/Counter Timing Diagrams 98
8-bit Timer/Counter Register Description 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com