Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega162V-8PI Datasheet(PDF) 259 Page - ATMEL Corporation

Part # ATmega162V-8PI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162V-8PI Datasheet(HTML) 259 Page - ATMEL Corporation

Back Button ATmega162V-8PI Datasheet HTML 255Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 256Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 257Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 258Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 259Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 260Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 261Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 262Page - ATMEL Corporation ATmega162V-8PI Datasheet HTML 263Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 324 page
background image
259
2513K–AVR–07/09
ATmega162/V
Figure 111. Virtual Flash Page Load Register
Virtual Flash Page
Read Register
The Virtual Flash Page Read Register is a virtual scan chain with length equal to the number of
bits in one Flash page plus eight. Internally the Shift Register is 8-bit, and the data are automati-
cally transferred from the Flash data page byte-by-byte. The first eight cycles are used to
transfer the first byte to the internal Shift Register, and the bits that are shifted out during these
right cycles should be ignored. Following this initialization, data are shifted out starting with the
LSB of the first instruction in the page and ending with the MSB of the last instruction in the
page. This provides an efficient way to read one full Flash page to verify programming.
TDI
TDO
D
A
T
A
Flash
EEPROM
Fuses
Lock Bits
STROBES
ADDRESS
State
Machine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com