Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega165-16AI Datasheet(PDF) 262 Page - ATMEL Corporation

Part # ATmega165-16AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165-16AI Datasheet(HTML) 262 Page - ATMEL Corporation

Back Button ATmega165-16AI Datasheet HTML 258Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 259Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 260Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 261Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 262Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 263Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 264Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 265Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 266Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 336 page
background image
262
ATmega165/V
2573G–AVR–07/09
Serial Programming
Algorithm
When writing serial data to the ATmega165, data is clocked on the rising edge of SCK.
When reading data from the ATmega165, data is clocked on the falling edge of SCK.
See Figure 121 for timing details.
To program and verify the ATmega165 in the serial programming mode, the following
sequence is recommended (See four byte instruction formats in Table 114
):
1.
Power-up sequence:
Apply power between V
CC and GND while RESET and SCK are set to “0”. In
some systems, the programmer can not guarantee that SCK is held low during
power-up. In this case, RESET must be given a positive pulse of at least two
CPU clock cycles duration after SCK has been set to “0”.
2.
Wait for at least 20 ms and enable serial programming by sending the Program-
ming Enable serial instruction to pin MOSI.
3.
The serial programming instructions will not work if the communication is out of
synchronization. When in sync. the second byte (0x53), will echo back when
issuing the third byte of the Programming Enable instruction. Whether the echo
is correct or not, all four bytes of the instruction must be transmitted. If the 0x53
did not echo back, give RESET a positive pulse and issue a new Programming
Enable command.
4.
The Flash is programmed one page at a time. The page size is found in Table
105 on page 249. The memory page is loaded one byte at a time by supplying
the 6 LSB of the address and data together with the Load Program Memory
Page instruction. To ensure correct loading of the page, the data low byte must
be loaded before data high byte is applied for a given address. The Program
Memory Page is stored by loading the Write Program Memory Page instruction
with the 8 MSB of the address. If polling is not used, the user must wait at least
t
WD_FLASH before issuing the next page. (See Table 113.) Accessing the serial
programming interface before the Flash write operation completes can result in
incorrect programming.
5.
A: The EEPROM array is programmed one byte at a time by supplying the
address and data together with the appropriate Write instruction. An EEPROM
memory location is first automatically erased before new data is written. If polling
(RDY/BSY) is not used, the user must wait at least t
WD_EEPROM before issuing the
next byte (See Table 113.) In a chip erased device, no 0xFFs in the data file(s)
need to be programmed.
B: The EEPROM array is programmed one page at a time. The Memory page is
loaded one byte at a time by supplying the 2 LSB of the address and data
together with the Load EEPROM Memory Page instruction. The EEPROM Mem-
ory Page is stored by loading the Write EEPROM Memory Page Instruction with
the 4 MSB of the address. When using EEPROM page access only byte loca-
tions loaded with the Load EEPROM Memory Page instruction is altered. The
remaining locations remain unchanged. If polling (RDY/BSY) is not used, the
user must wait at least t
WD_EEPROM before issuing the next page (See Table 113).
In a chip erased device, no 0xFF in the data file(s) need to be programmed.
6.
Any memory location can be verified by using the Read instruction which returns
the content at the selected address at serial output MISO.
7.
At the end of the programming session, RESET can be set high to commence
normal operation.
8.
Power-off sequence (if needed):
Set RESET to “1”.
Turn V
CC power off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com