Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega165-16AI Datasheet(PDF) 281 Page - ATMEL Corporation

Part # ATmega165-16AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165-16AI Datasheet(HTML) 281 Page - ATMEL Corporation

Back Button ATmega165-16AI Datasheet HTML 277Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 278Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 279Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 280Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 281Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 282Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 283Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 284Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 285Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 336 page
background image
281
ATmega165/V
2573G–AVR–07/09
External Clock Drive
Waveforms
Figure 127. External Clock Drive Waveforms
External Clock Drive
Maximum speed vs. V
CC
Maximum frequency is depending on V
CC. As shown in Figure 128 and Figure 129, the
Maximum Frequency vs. V
CC curve is linear between 1.8V < VCC < 4.5V. To calculate
the maximum frequency at a given voltage in this interval, use this equation:
To calculate required voltage for a given frequency, use this equation::
At 3 Volt, this gives:
Thus, when V
CC = 3V, maximum frequency will be 9.33 MHz.
At 6 MHz this gives:
Thus, a maximum frequency of 6 MHz requires V
CC = 2.25V.
VIL1
VIH1
Table 116. External Clock Drive
Symbol
Parameter
VCC=1.8-5.5V
VCC=2.7-5.5V
VCC=4.5-5.5V
Units
Min.
Max.
Min.
Max.
Min.
Max.
1/tCLCL
Oscillator
Frequency
01
08
0
16
MHz
tCLCL
Clock Period
1000
125
62.5
ns
tCHCX
High Time
400
50
25
ns
tCLCX
Low Time
400
50
25
ns
tCLCH
Rise Time
2.0
1.6
0.5
μs
tCHCL
Fall Time
2.0
1.6
0.5
μs
Δt
CLCL
Change in period
from one clock
cycle to the next
22
2
%
Table 117. Constants used to calculate maximum speed vs. V
CC
Voltage and Frequency range
ab
Vx
Fy
2.7 < V
CC < 4.5 or 8 < Frq < 16
8/1.8
1.8/8
2.7
8
1.8 < V
CC < 2.7 or 4 < Frq < 8
1.8
4
Frequency
a
V Vx
–
()
•
Fy
+
=
Voltage
b
F Fy
–
()
•
Vx
+
=
Frequency
8
1.8
--------
32.7
–
()
•
8
+
9.33
==
Voltage
1.8
8
--------
64
–
()
•
1.8
+
2.25
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com