Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega165-16AI Datasheet(PDF) 330 Page - ATMEL Corporation

Part # ATmega165-16AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165-16AI Datasheet(HTML) 330 Page - ATMEL Corporation

Back Button ATmega165-16AI Datasheet HTML 326Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 327Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 328Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 329Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 330Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 331Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 332Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 333Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 334Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 336 page
background image
330
ATmega165/V
2573G–AVR–07/09
Datasheet Revision
History
Please note that the referring page numbers in this section are referring to this docu-
ment. The referring revision in this section are referring to the document revision.
Changes from Rev.
2573F-08/06 to Rev.
2573G-07/09
Changes from Rev.
2573E-07/06 to Rev.
2573F-08/06
Changes from Rev.
2573D-03/06 to Rev.
2573E-07/06
Changes from Rev.
2573C-03/06 to Rev.
2573D-03/06
Changes from Rev.
2573B-03/05 to Rev.
2573C-02/06
Changes from Rev.
2573A-06/04 to Rev.
2573B-03/05
1.
Updated “Errata” on page 329.
2.
Updated the last page with Atmel’s new addresses.
1.
Updated “Device Identification Register” on page 213.
2.
Updated “Signature Bytes” on page 249.
3.
Added “Device and JTAG ID” on page 249.
1.
Updated “Fast PWM Mode” on page 105.
2.
Updated Features in “USI – Universal Serial Interface” on page 175.
3.
Updated Table 42 on page 86, Table 44 on page 86, Table 49 on page 113,
Table 50 on page 114, Table 51 on page 115, Table 54 on page 131 and
Table 56 on page 132.
4.
Added “Errata” on page 329.
1.
Updated number of General Purpose I/O pins from 53 to 54.
2.
Updated “Serial Peripheral Interface – SPI” on page 139.
1.
Added Not recommended in new designs.
2.
Updated “BODLEVEL Fuse Coding(1)” on page 40.
1.
MLF-package alternative changed to “Quad Flat No-Lead/Micro Lead
Frame Package QFN/MLF”.
2.
Updated Table 16 on page 38, Table 49 on page 113, Table 50 on page 114,
Table 86 on page 213 and Table 114 on page 264.
3.
Added “Pin Change Interrupt Timing” on page 51.
4.
Updated C Code Example in “USART Initialization” on page 153
5.
Moved “Table 105 on page 249” and “Table 106 on page 249” to “Page
Size” on page 249.
6.
Updated “Register Summary” on page 319
7.
Updated Figure 115 on page 256.
8.
Updated “Ordering Information” on page 326



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com