Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega162-16AI Datasheet(PDF) 129 Page - ATMEL Corporation

Part # ATmega162-16AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16AI Datasheet(HTML) 129 Page - ATMEL Corporation

Back Button ATmega162-16AI Datasheet HTML 125Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 126Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 127Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 128Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 129Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 130Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 131Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 132Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 133Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 324 page
background image
129
2513K–AVR–07/09
ATmega162/V
Table 54 shows the COMnx1:0 bit functionality when the WGMn3:0 bits are set to the fast PWM
mode.
Note:
1. A special case occurs when OCRnA/OCRnB equals TOP and COMnA1/COMnB1 is set. In
this case the Compare Match is ignored, but the set or clear is done at TOP. See “Fast PWM
Mode” on page 120. for more details.
Table 55 shows the COMnx1:0 bit functionality when the WGMn3:0 bits are set to the phase cor-
rect or the phase and frequency correct, PWM mode.
Note:
1. A special case occurs when OCRnA/OCRnB equals TOP and COMnA1/COMnB1 is set. See
“Phase Correct PWM Mode” on page 122. for more details.
• Bit 3 – FOCnA: Force Output Compare for channel A
• Bit 2 – FOCnB: Force Output Compare for channel B
The FOCnA/FOCnB bits are only active when the WGMn3:0 bits specifies a non-PWM mode.
However, for ensuring compatibility with future devices, these bits must be set to zero when
TCCRnA is written when operating in a PWM mode. When writing a logical one to the
FOCnA/FOCnB bit, an immediate Compare Match is forced on the Waveform Generation unit.
The OCnA/OCnB output is changed according to its COMnx1:0 bits setting. Note that the
FOCnA/FOCnB bits are implemented as strobes. Therefore it is the value present in the
COMnx1:0 bits that determine the effect of the forced compare.
A FOCnA/FOCnB strobe will not generate any interrupt nor will it clear the timer in Clear Timer
on Compare match (CTC) mode using OCRnA as TOP.
The FOCnA/FOCnB bits are always read as zero.
Table 54. Compare Output Mode, Fast PWM
(1)
COMnA1/
COMnB1
COMnA0/
COMnB0
Description
0
0
Normal port operation, OCnA/OCnB disconnected.
0
1
WGMn3:0 = 15: Toggle OCnA on Compare Match, OCnB
disconnected (normal port operation). For all other WGMn
settings, normal port operation, OCnA/OCnB disconnected.
1
0
Clear OCnA/OCnB on Compare Match, set OCnA/OCnB at TOP.
1
1
Set OCnA/OCnB on Compare Match, clear OCnA/OCnB at TOP.
Table 55. Compare Output Mode, Phase Correct and Phase and Frequency Correct PWM(1)
COMnA1/
COMnB1
COMnA0
COMnB0
Description
0
0
Normal port operation, OCnA/OCnB disconnected.
0
1
WGMn3:0 = 9 or 14: Toggle OCnA on Compare Match, OCnB
disconnected (normal port operation). For all other WGMn
settings, normal port operation, OCnA/OCnB disconnected.
1
0
Clear OCnA/OCnB on Compare Match when up-counting. Set
OCnA/OCnB on Compare Match when down-counting.
1
1
Set OCnA/OCnB on Compare Match when up-counting. Clear
OCnA/OCnB on Compare Match when down-counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com