Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega162-16AI Datasheet(PDF) 215 Page - ATMEL Corporation

Part # ATmega162-16AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16AI Datasheet(HTML) 215 Page - ATMEL Corporation

Back Button ATmega162-16AI Datasheet HTML 211Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 212Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 213Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 214Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 215Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 216Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 217Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 218Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 219Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 324 page
background image
215
2513K–AVR–07/09
ATmega162/V
51
PD7.Pullup_Enable
Port D
50
EXTCLKEN
Enable signals for main
Clock/Oscillators
49
OSCON
48
OSC32EN
47
EXTCLK (XTAL1)
Clock input and Oscillators
for the main clock (Observe-
only)
46
OSCCK
45
OSC32CK
44
PC0.Data
Port C
43
PC0.Control
42
PC0.Pullup_Enable
41
PC1.Data
40
PC1.Control
39
PC1.Pullup_Enable
38
PC2.Data
37
PC2.Control
36
PC2.Pullup_Enable
35
PC3.Data
34
PC3.Control
33
PC3.Pullup_Enable
32
PE2.Data
Port E
31
PE2.Control
30
PE2.Pullup_Enable
29
PE1.Data
28
PE1.Control
27
PE1.Pullup_Enable
26
PE0.Data
25
PE0.Control
24
PE0.Pullup_Enable
23
PA7.Data
Port A
22
PA7.Control
21
PA7.Pullup_Enable
20
PA6.Data
19
PA6.Control
18
PA6.Pullup_Enable
17
PA5.Data
16
PA5.Control
Table 87. ATmega162 Boundary-scan Order (Continued)
Bit Number
Signal Name
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com