Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega165 Datasheet(PDF) 123 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 123 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 119Page - ATMEL Corporation ATmega165 Datasheet HTML 120Page - ATMEL Corporation ATmega165 Datasheet HTML 121Page - ATMEL Corporation ATmega165 Datasheet HTML 122Page - ATMEL Corporation ATmega165 Datasheet HTML 123Page - ATMEL Corporation ATmega165 Datasheet HTML 124Page - ATMEL Corporation ATmega165 Datasheet HTML 125Page - ATMEL Corporation ATmega165 Datasheet HTML 126Page - ATMEL Corporation ATmega165 Datasheet HTML 127Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 336 page
background image
123
ATmega165/V
2573G–AVR–07/09
The OCR2A Register is double buffered when using any of the Pulse Width Modulation
(PWM) modes. For the Normal and Clear Timer on Compare (CTC) modes of operation,
the double buffering is disabled. The double buffering synchronizes the update of the
OCR2A Compare Register to either top or bottom of the counting sequence. The syn-
chronization prevents the occurrence of odd-length, non-symmetrical PWM pulses,
thereby making the output glitch-free.
The OCR2A Register access may seem complex, but this is not case. When the double
buffering is enabled, the CPU has access to the OCR2A Buffer Register, and if double
buffering is disabled the CPU will access the OCR2A directly.
Force Output Compare
In non-PWM waveform generation modes, the match output of the comparator can be
forced by writing a one to the Force Output Compare (FOC2A) bit. Forcing compare
match will not set the OCF2A Flag or reload/clear the timer, but the OC2A pin will be
updated as if a real compare match had occurred (the COM2A1:0 bits settings define
whether the OC2A pin is set, cleared or toggled).
Compare Match Blocking by
TCNT2 Write
All CPU write operations to the TCNT2 Register will block any compare match that
occurs in the next timer clock cycle, even when the timer is stopped. This feature allows
OCR2A to be initialized to the same value as TCNT2 without triggering an interrupt
when the Timer/Counter clock is enabled.
Using the Output Compare
Unit
Since writing TCNT2 in any mode of operation will block all compare matches for one
timer clock cycle, there are risks involved when changing TCNT2 when using the Output
Compare unit, independently of whether the Timer/Counter is running or not. If the value
written to TCNT2 equals the OCR2A value, the compare match will be missed, resulting
in incorrect waveform generation. Similarly, do not write the TCNT2 value equal to BOT-
TOM when the counter is downcounting.
The setup of the OC2A should be performed before setting the Data Direction Register
for the port pin to output. The easiest way of setting the OC2A value is to use the Force
Output Compare (FOC2A) strobe bit in Normal mode. The OC2A Register keeps its
value even when changing between Waveform Generation modes.
Be aware that the COM2A1:0 bits are not double buffered together with the compare
value. Changing the COM2A1:0 bits will take effect immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com