Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893 Datasheet(PDF) 101 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 101 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 97Page - Integrated Circuit Systems ICS1893 Datasheet HTML 98Page - Integrated Circuit Systems ICS1893 Datasheet HTML 99Page - Integrated Circuit Systems ICS1893 Datasheet HTML 100Page - Integrated Circuit Systems ICS1893 Datasheet HTML 101Page - Integrated Circuit Systems ICS1893 Datasheet HTML 102Page - Integrated Circuit Systems ICS1893 Datasheet HTML 103Page - Integrated Circuit Systems ICS1893 Datasheet HTML 104Page - Integrated Circuit Systems ICS1893 Datasheet HTML 105Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 152 page
background image
Chapter 8
Management Register Set
ICS1893 Rev C 6/6/00
June, 2000
101
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
8.14.1
Node/Repeater Configuration (bit 19.15)
The Node/Repeater Configuration bit directly indicates the state of the NOD/REP input pin. When this bit is
logic:
Zero, the NOD/REP input pin is pulled down, which instructs the operation code to operate in Node
mode.
One, the NOD/REP input pin is pulled up, which instructs the ICS1893 to operate in Repeater mode.
There are two primary differences between Node mode and Repeater mode.
In Node mode:
– The SQE Test default setting is enabled.
– The Carrier Sense signal (CRS) is asserted in response to either transmit or receive activity.
In Repeater mode:
– The SQE Test default setting is disabled.
– The Carrier Sense signal (CRS) is asserted in response only to receive activity.
8.14.2
Hardware/Software Priority Status (bit 19.14)
The Hardware/Software Priority Status bit directly indicates the state of the HW/SW pin. When this bit is
logic:
Zero, the hardware pins have priority over the (software) register bits for establishing the ICS1893
configuration.
One, the (software) register bits have priority over the hardware pins for establishing the ICS1893
configuration.
8.14.3
Remote Fault (bit 19.13)
The ISO/IEC specification defines bit 5.13 as the Remote Fault bit, and bit 19.13 is functionally identical to
bit 5.13. The Remote Fault bit is set based on the Link Control Word received from the remote link partner.
When this bit is a logic:
Zero, it indicates the remote link partner does not detect a Link Fault.
One, it indicates to an STA that the remote link partner detects a Link Fault.
8.14.4
ICS Reserved (bits 19.12:8)
See Section 8.11.2, “ICS Reserved (bits 16.14:11)”, the text for which also applies here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com