Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny85-15ST Datasheet(PDF) 111 Page - ATMEL Corporation

Part # ATtiny85-15ST
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny85-15ST Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button ATtiny85-15ST Datasheet HTML 107Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 108Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 109Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 110Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 111Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 112Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 113Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 114Page - ATMEL Corporation ATtiny85-15ST Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 196 page
background image
111
7598H–AVR–07/09
ATtiny25/45/85
18. Analog to Digital Converter
18.1
Features
• 10-bit Resolution
• 0.5 LSB Integral Non-linearity
• ± 2 LSB Absolute Accuracy
• 65 - 260 µs Conversion Time
• Up to 15 kSPS at Maximum Resolution
• Four Multiplexed Single Ended Input Channels
• Two differential input channels with selectable gain
• Temperature sensor input channel
• Optional Left Adjustment for ADC Result Readout
• 0 - V
CC ADC Input Voltage Range
• Selectable 1.1V / 2.56V ADC Voltage Reference
• Free Running or Single Conversion Mode
• ADC Start Conversion by Auto Triggering on Interrupt Sources
• Interrupt on ADC Conversion Complete
• Sleep Mode Noise Cancele
• Unipolar / Bibilar Input Mode
• Input Polarity Reversal Mode
The ATtiny25/45/85 features a 10-bit successive approximation ADC. The ADC is connected to
a 4-channel Analog Multiplexer which allows one differential voltage input and four single-ended
voltage inputs constructed from the pins of Port B. The differential input (PB3, PB4 or PB2, PB5)
is equipped with a programmable gain stage, providing amplification step of 26 dB (20x) on the
differential input voltage before the A/D conversion. The single-ended voltage inputs refer to 0V
(GND).
The ADC contains a Sample and Hold circuit which ensures that the input voltage to the ADC is
held at a constant level during conversion. A block diagram of the ADC is shown in Figure 18-1.
Internal voltage references of nominally 1.1V or 2.56V are provided On-chip and these voltage
references can optionally be externally decoupled at the AREF (PB0) pin by a capacitor, for bet-
ter noise performance. Alternatively, V
CC can be used as voltage reference for single ended
channels. There is also an option to use an external voltage reference and turn-off the internal
voltage reference. These options are selected using the REFS2..0 bits of the ADMUX control
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com