Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega88 Datasheet(PDF) 129 Page - ATMEL Corporation

Part # ATmega88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega88 Datasheet(HTML) 129 Page - ATMEL Corporation

Back Button ATmega88 Datasheet HTML 125Page - ATMEL Corporation ATmega88 Datasheet HTML 126Page - ATMEL Corporation ATmega88 Datasheet HTML 127Page - ATMEL Corporation ATmega88 Datasheet HTML 128Page - ATMEL Corporation ATmega88 Datasheet HTML 129Page - ATMEL Corporation ATmega88 Datasheet HTML 130Page - ATMEL Corporation ATmega88 Datasheet HTML 131Page - ATMEL Corporation ATmega88 Datasheet HTML 132Page - ATMEL Corporation ATmega88 Datasheet HTML 133Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 340 page
background image
129
7530H–AVR–02/09
ATmega48/88/168 Automotive
Note:
1. The CTC1 and PWM11:0 bit definition names are obsolete. Use the
WGM12:0 definitions. However, the functionality and
location of these bits are compatible with previous versions of the timer.
Table 14-4.
Waveform Generation Mode Bit Description
(1)
Mo
de
WGM1
3
WGM1
2
(CTC1
)
WGM1
1
(PWM
11)
WGM1
0
(PWM
10)
Timer/Counter Mode
of Operation
TOP
Update
of
OCR1
x
at
TOV1
Flag
Set on
0
000
0
Normal
0xFFF
F
Immedi
ate
MAX
1
000
1
PWM, Phase Correct,
8-bit
0x00F
F
TOP
BOTTO
M
2
001
0
PWM, Phase Correct,
9-bit
0x01F
F
TOP
BOTTO
M
3
001
1
PWM, Phase Correct,
10-bit
0x03F
F
TOP
BOTTO
M
4
010
0
CTC
OCR1
A
Immedi
ate
MAX
5
0
1
0
1
Fast PWM, 8-bit
0x00F
F
TOP
TOP
6
0
1
1
0
Fast PWM, 9-bit
0x01F
F
TOP
TOP
7
0
1
1
1
Fast PWM, 10-bit
0x03F
F
TOP
TOP
8
100
0
PWM, Phase and
Frequency Correct
ICR1
BOTTO
M
BOTTO
M
9
100
1
PWM, Phase and
Frequency Correct
OCR1
A
BOTTO
M
BOTTO
M
10
1
0
1
0
PWM, Phase Correct
ICR1
TOP
BOTTO
M
11
1
0
1
1
PWM, Phase Correct
OCR1
A
TOP
BOTTO
M
12
110
0
CTC
ICR1
Immedi
ate
MAX
13
110
1
(Reserved)
–
–
–
14
1
1
1
0
Fast PWM
ICR1
TOP
TOP
15
111
1
Fast PWM
OCR1
A
TOP
TOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com